Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC542C Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC542C
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC542C Datasheet(HTML) 5 Page - Texas Instruments

  TLC542C_14 Datasheet HTML 1Page - Texas Instruments TLC542C_14 Datasheet HTML 2Page - Texas Instruments TLC542C_14 Datasheet HTML 3Page - Texas Instruments TLC542C_14 Datasheet HTML 4Page - Texas Instruments TLC542C_14 Datasheet HTML 5Page - Texas Instruments TLC542C_14 Datasheet HTML 6Page - Texas Instruments TLC542C_14 Datasheet HTML 7Page - Texas Instruments TLC542C_14 Datasheet HTML 8Page - Texas Instruments TLC542C_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TLC542C, TLC542I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 INPUTS
SLAS075C – FEBRUARY 1989 – REVISED JUNE 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range,
VCC = Vref+ = 4.75 to 5.5 V, f(clock I/O) = 1 MHZ
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
EL
Linearity error (see Note 5)
±0.5
LSB
EZS
Zero-scale error (see Note 6)
See Note 2
±0.5
LSB
EFS
Full-scale error (see Note 6)
See Note 2
±0.5
LSB
Total unadjusted error (see Note 7)
±0.5
LSB
Self-test output code
Input A11 address = 1011,
See Note 8
01111101
(126)
128
10000011
(130)
tc(1)
Conversion time
See operating sequence
20
µs
tc(2)
Total access and conversion cycle time
See operating sequence
40
µs
t(acq)
Channel acquisition time (sample cycle)
See operating sequence
16
µs
t(v)
Time output data remains valid after I/O CLK
See Figure 5
10
ns
td(IO-DATA)
Delay time, I/O CLK
↓ to data output valid
See Figure 5
400
ns
td(IO-EOC)
Delay time, 8th I/O CLK
↓ to EOC↓
See Figure 6
500
ns
td(EOC-DATA)
Delay time, EOC
↑ to data out (MSB)
See Figure 7
400
ns
tPZH, tPZL
Delay time, CS
↓ to data out (MSB)
See Figure 2
3.4
µs
tPHZ, tPLZ
Delay time, CS
↑ to data out (MSB)
See Figure 2
150
ns
tr(EOC)
Rise time
See Figure 7
100
ns
tf(EOC)
Fall time
See Figure 6
100
ns
tr(bus)
Data bus rise time
See Figure 5
300
ns
tf(bus)
Data bus fall time
See Figure 5
300
ns
† All typical values are at TA = 25°C.
NOTES:
2. Analog input voltages greater than that applied to REF + convert to all ones (11111111), while input voltages less than that applied
to REF – convert to all zeros (00000000). For proper operation, REF + must be at least 1 V higher than REF –. Also, the total
unadjusted error may increase as this differential reference voltage falls below 4.75 V.
5. Linearity error is the maximum deviation from the best straight line through the A/D transfer characteristics.
6. Zero-scale error is the difference between 00000000 and the converted output for zero input voltage; full-scale error is the difference
between 11111111 and the converted output for full-scale input voltage.
7. Total unadjusted error is the sum of linearity, zero-scale, and full-scale errors.
8. Both the input address and the output codes are expressed in positive logic. The A11 analog input signal is internally generated and
is used for test purposes.


Similar Part No. - TLC542C_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC542CDW TI-TLC542CDW Datasheet
169Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542CDW TI1-TLC542CDW Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542CDWG4 TI1-TLC542CDWG4 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542CDWR TI-TLC542CDWR Datasheet
169Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542CDWR TI1-TLC542CDWR Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
More results

Similar Description - TLC542C_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC540I TI-TLC540I Datasheet
164Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI-TLC542C Datasheet
169Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com