Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3541IDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3541IDR
Description  200-KSPS Sampling Rate Built-In Conversion Clock
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3541IDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC3541IDR Datasheet HTML 7Page - Texas Instruments TLC3541IDR Datasheet HTML 8Page - Texas Instruments TLC3541IDR Datasheet HTML 9Page - Texas Instruments TLC3541IDR Datasheet HTML 10Page - Texas Instruments TLC3541IDR Datasheet HTML 11Page - Texas Instruments TLC3541IDR Datasheet HTML 12Page - Texas Instruments TLC3541IDR Datasheet HTML 13Page - Texas Instruments TLC3541IDR Datasheet HTML 14Page - Texas Instruments TLC3541IDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TLC3541, TLC3545
SLAS345 − DECEMBER 2001
11
www.ti.com
PRINCIPLES OF OPERATION
control and timing
device initialization/RESET cycle
The TLC3541/45 each require one RESET cycle after power-on for initialization in order to operate properly.
The RESET cycle is initiated by asserting the CS pin (pin 1) low for a minimum duration of at least one SCLK
falling edge but no more than 8 SCLK falling edges in length. The RESET cycle is terminated by asserting CS
high. If a valid RESET cycle is issued, the data presented on the SDO output during the following cycle is 3FC0h.
This output code is useful in determining when a valid reset/initialization has occurred.
The TLC3541 has separate CS and FS pins. In this case, it is also possible to initiate the RESET cycle by
asserting FS low if CS is already asserted low. The RESET cycle can be terminated by either asserting CS high
(as shown in the first RESET cycle in Figure 14), or by asserting FS high (as shown in the second RESET cycle
in Figure 14), whichever happens first.
1−8 Falling SCLK Edges−
ADC is Initialized
1
2
1
4
8
MSB
LSB+1
1
2
8
1
4
16
LSB
1111−1111−0000−00−XX
tcyc(reset)
SCLK
OR
tcyc(reset)
FS High for Valid Initialization
Normal Cycle−Sample
and Convert
t(PWRDWN)
SDO Data−Reset of Previous Cycle’s Sample
For TLC35xx−LSB Presented on 14th Rising SCLK Edge
Normal Cycle−Sample
and Convert
CS
FS
SDO
Figure 14. TLC3541/45 Initialization Timing
sampling
The converter sample time is 20 SCLKs in duration, beginning on the 5th SCLK received during an active signal
on the CS input (or FS input for the TLC3541.)
conversion
Each device completes a conversion in the following manner. The conversion is started after the 24th falling
SCLK edge. The CS input can be released at this point or at any time during the remainder of the conversion
cycle. The conversion takes a maximum of 2.67
µs to complete. Enough time (for conversion) should be allowed
before the next falling edge on the CS input (or rising edge on the FS input for the TLC3541) so that no
conversion is terminated prematurely. If the conversion cycle is terminated early, the data presented on SDO
during the following cycle is 3FC0h. This predefined output code is helpful in determining if the cycle time is not
long enough to complete the conversion. The same code is also used to determine if a reset cycle is valid.
For all devices, the SDO data presented during a cycle is the result of the conversion of the sample taken during
the previous cycle. The output data format is shown in the following table.
SERIAL OUTPUT DATA FORMAT
MSB [D15:D2]
LSB [D1:D0]
TLC3541/45
Conversion result (OD13−OD0)
Don’t care


Similar Part No. - TLC3541IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3541IDR TI-TLC3541IDR Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
More results

Similar Description - TLC3541IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1504 TI1-TLV1504_14 Datasheet
1Mb / 48P
[Old version datasheet]    Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
TLV2544 TI1-TLV2544_14 Datasheet
1Mb / 48P
[Old version datasheet]   Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
logo
Analog Devices
AD678 AD-AD678_15 Datasheet
305Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678 AD-AD678 Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
logo
Texas Instruments
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC122S655 NSC-ADC122S655 Datasheet
498Kb / 20P
   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655 TI1-ADC122S655_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S655 Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
ADC122S625 TI1-ADC122S625_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S625 Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com