Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR354-3-103-T Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR354-3-103-T
Description  SMD INDUCTOR DR354-3 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR354-3-103-T Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR354-3-103-T Datasheet HTML 1Page - Datatronic Distribution, Inc. DR354-3-103-T Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
October 28, 2011
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice Page 1 of 2
SMD INDUCTOR DR354-3 SERIES
Features
SMD Chip Inductor, Low Profile
Suitable for High Frequency Application
Inductance Range from 10nH to 10µH
Operating Temp. -40°C to +125°C
Tinned Leads with Leaded Solder is Available (note 6)
ELECTRICAL SPECIFICATIONS AT 25ºC
PART NO.
TOLERANCE, T
INDUCTANCE (nH)
@ 0A
DCR (
) MAX.
MAX. RATED CURRENT
(A)
DR354-3-103-T
M, K, J
10
@50MHz
0.08
1.000
DR354-3-123-T
M, K, J
12
@50MHz
0.09
1.000
DR354-3-153-T
M, K
15
@50MHz
0.10
1.000
DR354-3-183-T
M, K, J
18
@50MHz
0.11
1.000
DR354-3-223-T
M, K, J
22
@50MHz
0.12
1.000
DR354-3-273-T
M, K
27
@50MHz
0.13
1.000
DR354-3-333-T
K, J
33
@50MHz
0.14
1.000
DR354-3-393-T
K, J
39
@50MHz
0.15
1.000
DR354-3-473-T
K, J
47
@50MHz
0.16
1.000
DR354-3-563-T
K, J
56
@50MHz
0.18
1.000
DR354-3-683-T
K, J
68
@50MHz
0.20
1.000
DR354-3-823-T
K, J
82
@50MHz
0.22
1.000
DR354-3-104-T
K, J
100
@25MHz
0.56
0.650
DR354-3-124-T
K, J
120
@25MHz
0.63
0.650
DR354-3-154-T
K, J
150
@25MHz
0.70
0.580
DR354-3-184-T
K, J
180
@25MHz
0.77
0.620
DR354-3-224-T
K, J
220
@25MHz
0.84
0.500
DR354-3-274-T
K, J
270
@25MHz
0.91
0.500
DR354-3-334-T
K, J
330
@25MHz
1.05
0.450
DR354-3-394-T
K, J
390
@25MHz
1.12
0.470
DR354-3-474-T
K, J
470
@25MHz
1.19
0.470
DR354-3-564-T
K, J
560
@25MHz
1.33
0.400
DR354-3-624-T
K, J
620
@25MHz
1.40
0.300
DR354-3-684-T
K, J
680
@25MHz
1.47
0.400
DR354-3-754-T
M, K, J
750
@25MHz
1.54
0.360
DR354-3-824-T
M, K, J
820
@25MHz
1.61
0.400
DR354-3-914-T
M, K, J
910
@25MHz
1.68
0.380
DR354-3-105-T
M, K, J
1000
@25MHz
1.75
0.370
DR354-3-125-T
M, K, J
1200
@7.9MHz
2.00
0.310
DR354-3-155-T
M, K, J
1500
@7.9MHz
2.30
0.330
DR354-3-185-T
M, K, J
1800
@7.9MHz
2.60
0.300
DR354-3-225-T
M, K, J
2200
@7.9MHz
2.80
0.280
DR354-3-275-T
M, K, J
2700
@7.9MHz
3.20
0.290
DR354-3-335-T
M, K, J
3300
@7.9MHz
3.40
0.290
DR354-3-395-T
M, K, J
3900
@7.9MHz
3.60
0.260
DR354-3-475-T
M, K, J
4700
@7.9MHz
4.00
0.260
DR354-3-565-T
M, K, J
5600
@7.9MHz
6.80
0.190
DR354-3-685-T
M, K, J
6800
@7.9MHz
7.50
0.180
DR354-3-825-T
M, K, J
8200
@7.9MHz
8.20
0.170
DR354-3-106-T
M, K, J
10000
@7.9MHz
9.10
0.160
INDUCTANCE TOLERANCE: WHEN ORDERING PLEASE SPECIFY THE TOLERANCE.
T (M=±20%, K=±10%, J=±5%)


Similar Part No. - DR354-3-103-T

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR354-3-103-T DATATRONICS-DR354-3-103-T Datasheet
178Kb / 2P
   SMD INDUCTOR
More results

Similar Description - DR354-3-103-T

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR354-0 DATATRONICS-DR354-0_14 Datasheet
81Kb / 2P
   SMD INDUCTOR DR354-0 SERIES
DR354-1 DATATRONICS-DR354-1_14 Datasheet
160Kb / 2P
   SMD INDUCTOR DR354-1 SERIES
DR354-2 DATATRONICS-DR354-2_14 Datasheet
156Kb / 2P
   SMD INDUCTOR DR354-2 SERIES
DR354-4 DATATRONICS-DR354-4_14 Datasheet
161Kb / 2P
   SMD INDUCTOR DR354-4 SERIES
DR331-3 DATATRONICS-DR331-3_14 Datasheet
71Kb / 1P
   SMD INDUCTOR DR331-3 SERIES
DR353-3 DATATRONICS-DR353-3_14 Datasheet
88Kb / 2P
   SMD INDUCTOR DR353-3 SERIES
DR349-3 DATATRONICS-DR349-3_14 Datasheet
59Kb / 2P
   SMD INDUCTOR DR349-3 SERIES
DR355-3 DATATRONICS-DR355-3_14 Datasheet
82Kb / 1P
   SMD INDUCTOR DR355-3 SERIES
DR356-3 DATATRONICS-DR356-3_14 Datasheet
83Kb / 1P
   SMD INDUCTOR DR356-3 SERIES
DR350-3 DATATRONICS-DR350-3_14 Datasheet
77Kb / 1P
   SHIELDED SMD INDUCTOR DR350-3 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com