Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30070-0812 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 30070-0812
Description  4.20mm Pitch, Mini-Fit짰 TPA Header, Dual Row, Right Angle, with PCB Mounting Flange, 8 Circuits, Gold (Au) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

30070-0812 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  30070-0812 Datasheet HTML 1Page - Molex Electronics Ltd. 30070-0812 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/07/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
30070-0812
Status:
Active
Overview:
Mini-Fit® TPA Plugs and Receptacles
Description:
4.20mm Pitch, Mini-Fit® TPA Header, Dual Row, Right Angle, with PCB Mounting
Flange, 8 Circuits, Gold (Au) Plating
Documents:
3D Model
Product Specification PS-5556-003 (PDF)
Drawing (PDF)
Packaging Specification PK-30070-001 (PDF)
Product Specification PS-45750-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
PCB Headers
Series
30070
Application
Power, Wire-to-Board
Comments
Current for wire-to-wire applications = 13.0A max. per
circuit. Current for wire-to-board applications = 9.0A
max. per circuit
Overview
Mini-Fit® TPA Plugs and Receptacles
Product Name
Mini-Fit® TPA
UPC
884982406223
Physical
Breakaway
No
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Black
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Nickel
Material - Resin
Polyester
Net Weight
3.592/g
Number of Rows
2
Orientation
Right Angle
PC Tail Length
4.10mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.78mm
Packaging Type
Bag
Pitch - Mating Interface
4.20mm
Pitch - Termination Interface
4.20mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Partial
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
30070Series
Mates With
30067 Mini-Fit TPA™ Receptacle Housing


Similar Part No. - 30070-0812

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
30070-0832 MOLEX11-30070-0832 Datasheet
37Kb / 2P
   4.20mm Pitch, Mini-Fit짰 TPA Header, Dual Row, Right Angle, with Snap-in PCB Plastic Peg Lock, 8 Circuits, Gold (Au) Plating, Natural
30070-0835 MOLEX11-30070-0835 Datasheet
37Kb / 2P
   4.20mm Pitch, Mini-Fit짰 TPA Header, Dual Row, Right Angle, with Snap-in PCB Plastic Peg Lock, 8 Circuits, Tin (Sn) Plating, Natural
30070-08A MOLEX1-30070-08A Datasheet
514Kb / 4P
   MINI-FIT T.P.A. RIGHT ANGLE HEADER ASSEMBLY
30070-08A1 MOLEX11-30070-08A1 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 8 Circuits, Gold (Au) Plating
30070-08A3 MOLEX11-30070-08A3 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 8 Circuits, Tin (Sn) Plating
More results

Similar Description - 30070-0812

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-97-8087 MOLEX11-15-97-8087 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 8 Circuits, Gold (Au) Plating
15-97-8127 MOLEX11-15-97-8127 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 12 Circuits, Gold (Au) Plating
15-97-8047 MOLEX11-15-97-8047 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 4 Circuits, Gold (Au) Plating
15-97-8067 MOLEX11-15-97-8067 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 6 Circuits, Gold (Au) Plating
15-97-8167 MOLEX11-15-97-8167 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 16 Circuits, Gold (Au) Plating
15-97-8027 MOLEX11-15-97-8027 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 2 Circuits, Gold (Au) Plating
15-97-8107 MOLEX11-15-97-8107 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 10 Circuits, Gold (Au) Plating
15-97-8082 MOLEX11-15-97-8082 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 8 Circuits, Tin (Sn) Plating
15-97-7084 MOLEX11-15-97-7084 Datasheet
53Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Vertical, with PCB Mounting Flange, 8 Circuits, Gold (Au) Plating, without Drain Holes
15-97-8102 MOLEX11-15-97-8102 Datasheet
37Kb / 2P
   Mini-Fit짰 TPA Header, 4.20mm Pitch, Dual Row, Right Angle, with PCB Mounting Flange, 10 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com