Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR353-1-274 Datasheet(PDF) 2 Page - Datatronic Distribution, Inc.

Part # DR353-1-274
Description  SMD INDUCTOR DR353-1 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR353-1-274 Datasheet(HTML) 2 Page - Datatronic Distribution, Inc.

  DR353-1-274 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR353-1-274 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
August 24, 2009
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice. Page 2 of 2
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
0.2mm, unless other specified
3.
Irated for an approximate 40C temperature rise
4.
Irated for an approximate 20% drop maximum of the initial value
5.
Tape and reel quantity, 2000 pcs/reel
6.
For non-RoHS parts replace DR prefix with 42- (e.g. DR353-1 becomes 42-353-1)
7.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D
2.0
0.3
2.5
0.2
BOTTOM VIEW
0.7
Min.
FRONT VIEW
0.7
Min.
0.7
Min.
353-1
XXX
TOP VIEW
3.2
0.3
1
SCHEMATIC
2
2.0
PCB SOLDER PAD LAYOUT (REF.)
1.0
1.5
1.5


Similar Part No. - DR353-1-274

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR353-1-274 DATATRONICS-DR353-1-274 Datasheet
94Kb / 2P
   SMD INDUCTOR
More results

Similar Description - DR353-1-274

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR353-6 DATATRONICS-DR353-6_14 Datasheet
81Kb / 1P
   SMD INDUCTOR DR353-6 SERIES
DR353-2 DATATRONICS-DR353-2_14 Datasheet
81Kb / 1P
   SMD INDUCTOR DR353-2 SERIES
DR353-4 DATATRONICS-DR353-4_14 Datasheet
81Kb / 1P
   SMD INDUCTOR DR353-4 SERIES
DR353-3 DATATRONICS-DR353-3_14 Datasheet
88Kb / 2P
   SMD INDUCTOR DR353-3 SERIES
DR353-5 DATATRONICS-DR353-5_14 Datasheet
85Kb / 2P
   SMD INDUCTOR DR353-5 SERIES
DR331-1 DATATRONICS-DR331-1_14 Datasheet
71Kb / 1P
   SMD INDUCTOR DR331-1 SERIES
DR365-1 DATATRONICS-DR365-1_14 Datasheet
74Kb / 1P
   SMD INDUCTOR DR365-1 SERIES
DR333-1 DATATRONICS-DR333-1_14 Datasheet
119Kb / 1P
   SMD INDUCTOR DR333-1 SERIES
DR337-1 DATATRONICS-DR337-1_14 Datasheet
104Kb / 1P
   SMD INDUCTOR DR337-1 SERIES
DR354-1 DATATRONICS-DR354-1_14 Datasheet
160Kb / 2P
   SMD INDUCTOR DR354-1 SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com