Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR358-3-473 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR358-3-473
Description  SHIELDED SMD INDUCTOR DR358-3 SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR358-3-473 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR358-3-473 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
September 23, 2009
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance
(
H)  30%
DCR
(
) Max.
I rated
(A) Max.
DR358-3-412
4.1
0.057
1.95
DR358-3-542
5.4
0.076
1.60
DR358-3-622
6.2
0.096
1.40
DR358-3-892
8.9
0.116
1.25
DR358-3-103
10.0
0.124
1.20
DR358-3-123
12.0
0.153
1.10
DR358-3-153
15.0
0.196
0.97
DR358-3-183
18.0
0.210
0.85
DR358-3-223
22.0
0.290
0.80
DR358-3-273
27.0
0.330
0.75
DR358-3-333
33.0
0.386
0.65
DR358-3-393
39.0
0.520
0.57
DR358-3-473
47.0
0.595
0.54
DR358-3-563
56.0
0.665
0.50
DR358-3-683
68.0
0.840
0.43
DR358-3-823
82.0
0.978
0.41
DR358-3-104
100.0
1.200
0.36
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
0.2mm, unless other specified
3.
Inductance Test: 100kHz, 0.1Vrms
4.
Irated for an approximate 40C temperature rise
5.
Irated for an approximate 35% drop maximum of the initial value
6.
Tape and reel quantity, 2000 pcs/reel
7.
For non-RoHS parts replace DR prefix with 42- (e.g. DR358-3 becomes 42-358-3)
8.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D
SHIELDED SMD INDUCTOR DR358-3 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 4.1µH to 100.0µH
Operating Temp. -20°C to +80°C
Tinned Leads with Leaded Solder is Available (note 7)


Similar Part No. - DR358-3-473

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR358-3-473 DATATRONICS-DR358-3-473 Datasheet
102Kb / 1P
   SHIELDED SMD INDUCTOR
More results

Similar Description - DR358-3-473

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR358-4 DATATRONICS-DR358-4_14 Datasheet
99Kb / 1P
   SHIELDED SMD INDUCTOR DR358-4 SERIES
DR358-2 DATATRONICS-DR358-2_14 Datasheet
163Kb / 1P
   SHIELDED SMD INDUCTOR DR358-2 SERIES
DR358-5 DATATRONICS-DR358-5_14 Datasheet
97Kb / 1P
   SMD SHIELDED INDUCTOR DR358-5 SERIES
DR358-1 DATATRONICS-DR358-1_14 Datasheet
104Kb / 1P
   SHIELDED SMD INDUCTOR DR358-1 SERIES
DR358-6 DATATRONICS-DR358-6_14 Datasheet
97Kb / 1P
   SHIELDED SMD INDUCTOR DR358-6 SERIES
DR350-3 DATATRONICS-DR350-3_14 Datasheet
77Kb / 1P
   SHIELDED SMD INDUCTOR DR350-3 SERIES
DR357-3 DATATRONICS-DR357-3_14 Datasheet
104Kb / 1P
   SHIELDED SMD INDUCTOR DR357-3 SERIES
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
   Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
   Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
   Shielded smd Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com