Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR357-4-824 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR357-4-824
Description  SHIELDED SMD INDUCTOR DR357-4 SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR357-4-824 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR357-4-824 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 17, 2009
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SHIELDED SMD INDUCTOR DR357-4 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 10.0µH to 1000.0µH
Operating Temp. -40°C to +105°C
Tinned Leads with Leaded Solder is Available (note 7)
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance
(
H)  30%
DCR
(
) Max.
I rated
(A) Max.
DR357-4-103
10.0
0.026
3.45
DR357-4-123
12.0
0.032
3.40
DR357-4-153
15.0
0.040
2.83
DR357-4-183
18.0
0.046
2.62
DR357-4-223
22.0
0.059
2.44
DR357-4-273
27.0
0.065
2.24
DR357-4-333
33.0
0.081
1.88
DR357-4-393
39.0
0.103
1.70
DR357-4-473
47.0
0.122
1.56
DR357-4-563
56.0
0.145
1.39
DR357-4-683
68.0
0.193
1.36
DR357-4-823
82.0
0.219
1.20
DR357-4-104
100.0
0.247
1.09
DR357-4-124
120.0
0.298
1.00
DR357-4-154
150.0
0.355
0.91
DR357-4-184
180.0
0.393
0.84
DR357-4-224
220.0
0.484
0.75
DR357-4-274
270.0
0.633
0.68
DR357-4-334
330.0
0.780
0.60
DR357-4-394
390.0
0.958
0.57
DR357-4-474
470.0
1.220
0.50
DR357-4-564
560.0
1.352
0.47
DR357-4-684
680.0
1.519
0.43
DR357-4-824
820.0
1.694
0.39
DR357-4-105
1000.0
1.946
0.35
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
0.2mm, unless other specified
3.
Inductance Test: 100kHz, 0.1Vrms
4.
Irated for an approximate 40C temperature rise
5.
Irated for an approximate 35% drop maximum of the initial value
6.
Tape and reel quantity, 2000 pcs/reel
7.
For non-RoHS parts, replace DR prefix with 42- (e.g. DR357-4 becomes 42-357-4)
8.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D


Similar Part No. - DR357-4-824

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR357-4-824 DATATRONICS-DR357-4-824 Datasheet
105Kb / 1P
   SHIELDED SMD INDUCTOR
More results

Similar Description - DR357-4-824

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR357-2 DATATRONICS-DR357-2_14 Datasheet
105Kb / 1P
   SHIELDED SMD INDUCTOR DR357-2 SERIES
DR357-1 DATATRONICS-DR357-1_14 Datasheet
97Kb / 1P
   SHIELDED SMD INDUCTOR DR357-1 SERIES
DR357-3 DATATRONICS-DR357-3_14 Datasheet
104Kb / 1P
   SHIELDED SMD INDUCTOR DR357-3 SERIES
DR350-4 DATATRONICS-DR350-4_14 Datasheet
77Kb / 1P
   SHIELDED SMD INDUCTOR DR350-4 SERIES
DR358-4 DATATRONICS-DR358-4_14 Datasheet
99Kb / 1P
   SHIELDED SMD INDUCTOR DR358-4 SERIES
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
   Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
   Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
   Shielded smd Inductor
XFTPRH105-102M XFMRS-XFTPRH105-102M Datasheet
47Kb / 1P
   Shielded smd Inductor
logo
Datatronic Distribution...
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
   SHIELDED SMD INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com