Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31100-0041 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 31100-0041
Description  H-DAC 64??2.54mm 4 Way Right Angle Header Assembly, Polarization B
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

31100-0041 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  31100-0041 Datasheet HTML 1Page - Molex Electronics Ltd. 31100-0041 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
500V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-31067-100
Product Specification
PS-31100-0001
Sales Drawing
SD-31197-003
This document was generated on 08/01/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 31100-0041

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31100-0041 MOLEX4-31100-0041 Datasheet
534Kb / 10P
   H-DAC 64??2.54mm (.100") 4 Way Right Angle Header Assembly, Polarization B
More results

Similar Description - 31100-0041

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0311000041 MOLEX4-0311000041 Datasheet
534Kb / 10P
   H-DAC 64??2.54mm (.100") 4 Way Right Angle Header Assembly, Polarization B
31101-0041 MOLEX11-31101-0041 Datasheet
53Kb / 2P
   H-DAC 64??2.54mm 4 Way Vertical Header Assembly, Polarization B
31100-0040 MOLEX11-31100-0040 Datasheet
55Kb / 2P
   H-DAC 64??2.54mm 4 Way Right Angle Header Assembly, Polarization A
0311010041 MOLEX4-0311010041 Datasheet
491Kb / 9P
   H-DAC 64??2.54mm (.100") 4 Way Vertical Header Assembly, Polarization B
0311000042 MOLEX4-0311000042 Datasheet
534Kb / 10P
   H-DAC 64??2.54mm (.100") 4 Way Right Angle Header Assembly, Polarization C
0311000040 MOLEX4-0311000040 Datasheet
534Kb / 10P
   H-DAC 64??2.54mm (.100") 4 Way Right Angle Header Assembly, Polarization A
31100-0042 MOLEX11-31100-0042 Datasheet
55Kb / 2P
   H-DAC 64??2.54mm4 Way Right Angle Header Assembly, Polarization C
31101-0040 MOLEX11-31101-0040 Datasheet
53Kb / 2P
   H-DAC 64??2.54mm 4 Way Vertical Header Assembly, Polarization A
31101-0042 MOLEX11-31101-0042 Datasheet
53Kb / 2P
   H-DAC 64??2.54mm 4 Way Vertical Header Assembly, Polarization C
31068-1011 MOLEX11-31068-1011 Datasheet
54Kb / 1P
   2.54mm H-DAC 64?? 4 Way Receptacle Assembly, Single Row, Polarization B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com