Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR362-X-472 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR362-X-472
Description  DR362 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR362-X-472 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR362-X-472 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 6, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
Schematic
NOTES
(1)
OCL measured at .25VRMS, 1kHz.
(2)
Rated Current tested at .25VRMS, 1kHz
(3)
All materials are rated at 200ºC
(4)
Electrical Specifications at 25°C
(5)
DR362-2-XXX denotes vertical design.
DR362-1-XXX denotes horizontal design
(6)
All dimensions are shown in inches “in”. General
tolerance is ±0.010in, unless otherwise specified.
(7)
For non-RoHS parts replace DR prefix
with 42- (e.g. DR362 becomes 42-362)
(8)
Terminal finish is compliant to RoHS
requirements
.
DR362 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
Features
Low EMI
High Current Capacity
Operating Temp. -55°C to +200°C
Horizontal or Vertical mount
(Note 5)
Tinned Leads with Leaded Solder is Available
(note 7)
Part
Number
L(µH)
±15% (1)
L(µH)±15%
@ I rated
(2)
Idc
(A)
DCR (Ω)
(MAX)
Dim.
A
Nom.
Dim.
B
Nom.
Dim.
C
Nom.
DR362-X-102
DR362-X-152
DR362-X-222
DR362-X-272
DR362-X-332
1.0
1.5
2.2
2.7
3.3
0.8
1.2
1.8
2.1
2.6
21.7
19.8
18.3
17.1
16.1
0.003
0.003
0.004
0.004
0.005
0.34
0.34
0.34
0.34
0.34
0.77
0.77
0.77
0.77
0.77
0.053
0.053
0.053
0.053
0.053
DR362-X-392
DR362-X-472
DR362-X-562
DR362-X-682
DR362-X-822
3.9
4.7
5.6
6.8
8.2
3.0
3.5
4.1
4.9
5.9
15.3
14.9
14.3
13.7
13.2
0.005
0.006
0.006
0.006
0.007
0.34
0.34
0.34
0.34
0.34
0.77
0.77
0.77
0.77
0.77
0.053
0.053
0.053
0.053
0.053
DR362-X-103
DR362-X-123
DR362-X-153
DR362-X-183
DR362-X-223
10
12
15
18
22
7.6
9.0
11.0
13.0
16.6
9.9
9.6
9.1
8.6
6.7
0.012
0.013
0.014
0.016
0.026
0.33
0.33
0.33
0.33
0.32
0.76
0.76
0.76
0.76
0.75
0.042
0.042
0.042
0.042
0.034
DR362-X-273
DR362-X-333
DR362-X-393
DR362-X-473
DR362-X-563
27
33
39
47
56
20.1
24.0
28.0
33.1
38.5
6.4
6.1
5.9
5.6
5.3
0.028
0.031
0.033
0.036
0.040
0.32
0.35
0.35
0.35
0.35
0.75
0.79
0.79
0.79
0.79
0.034
0.034
0.034
0.034
0.034
DR362-X-683
DR362-X-823
DR362-X-104
DR362-X-124
DR362-X-154
68
82
100
120
150
46.0
54.0
64.5
84.4
102.8
5.1
4.8
4.6
3.5
3.3
0.044
0.049
0.053
0.094
0.11
0.35
0.35
0.35
0.34
0.34
0.79
0.79
0.79
0.77
0.77
0.034
0.034
0.034
0.027
0.027
DR362-X-184
DR362-X-224
DR362-X-274
DR362-X-334
DR362-X-394
180
220
270
330
390
120.7
144.2
172.6
206.0
266.7
3.1
3.0
2.8
2.7
2.1
0.12
0.13
0.14
0.16
0.27
0.34
0.35
0.35
0.35
0.33
0.77
0.79
0.79
0.79
0.76
0.027
0.027
0.027
0.027
0.022
DR362-X-474
DR362-X-564
DR362-X-684
DR362-X-824
DR362-X-105
470
560
680
820
1000
314.4
366.9
435.1
512.0
608.2
2.0
1.9
1.8
1.7
1.6
0.29
0.32
0.35
0.39
0.43
0.35
0.35
0.35
0.37
0.37
0.79
0.79
0.79
0.81
0.81
0.022
0.022
0.022
0.022
0.022
C
A
B
C
Vertical
DR362-2-XXX
Horizontal
DR362-1-XXX
0.45
MAX
0.45
MAX
0.86
MAX
0.86
MAX


Similar Part No. - DR362-X-472

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR362-1-102 DATATRONICS-DR362-1-102 Datasheet
144Kb / 1P
   HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR362-1-103 DATATRONICS-DR362-1-103 Datasheet
144Kb / 1P
   HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR362-1-104 DATATRONICS-DR362-1-104 Datasheet
144Kb / 1P
   HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR362-1-105 DATATRONICS-DR362-1-105 Datasheet
144Kb / 1P
   HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR362-1-123 DATATRONICS-DR362-1-123 Datasheet
144Kb / 1P
   HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
More results

Similar Description - DR362-X-472

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR361 DATATRONICS-DR361 Datasheet
142Kb / 1P
   HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR362 DATATRONICS-DR362 Datasheet
144Kb / 1P
   HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR360 DATATRONICS-DR360 Datasheet
133Kb / 1P
   HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
DR360 DATATRONICS-DR360_14 Datasheet
138Kb / 1P
   DR360 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
logo
Bourns Electronic Solut...
2300HT-1R2-RC BOURNS-2300HT-1R2-RC Datasheet
106Kb / 1P
   High Temperature, High Current Toroid Inductors
2200HT-1R2-RC BOURNS-2200HT-1R2-RC Datasheet
112Kb / 1P
   High Temperature, High Current Toroid Inductors
2300HT-331-H-RC BOURNS-2300HT-331-H-RC Datasheet
106Kb / 1P
   High Temperature, High Current Toroid Inductors
logo
Datatronic Distribution...
DR361 DATATRONICS-DR361_14 Datasheet
119Kb / 1P
   DR 361 SERIES, HIGH CURRENT, HIGH TEMPERATURE INDUCTORS
logo
MPS Industries, Inc.
P11T60 MPSIND-P11T60 Datasheet
302Kb / 2P
   HIGH CURRENT TOROID INDUCTORS HIGH TEMPERATURE, CLASS H
logo
Vishay Siliconix
IHTH1125MZEB220M5A VISHAY-IHTH1125MZEB220M5A Datasheet
110Kb / 1P
   High Current Inductor, High Temperature Series
Revision: 03-Mar-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com