Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2K-L13MC1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2K-L13MC1
Description  Liquid Level Sensor That Is Unaffected by the Color of the Pipe or Liquid
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2K-L13MC1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2K-L13MC1 Datasheet HTML 1Page - Omron Electronics LLC E2K-L13MC1 Datasheet HTML 2Page - Omron Electronics LLC E2K-L13MC1 Datasheet HTML 3Page - Omron Electronics LLC E2K-L13MC1 Datasheet HTML 4Page - Omron Electronics LLC E2K-L13MC1 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
E2K-L
● Wiring
Power Supply
• If the load and Sensor are connected to different power supplies,
always turn ON the Sensor power first.
• Switching noise can cause operating mistakes if a commercial
switching regulator is used. When using a switching regulator,
always ground the frame ground terminal and the ground terminal.
● Operating Environment
Ambient Atmosphere
• Although the Sensor is water resistance, it is a capacitive sensor
and should not be used where it will come into direct contact with
liquids, such as water or cutting oil.
• The life of the Sensor will be shorten by rapid changes in
temperature even within the ambient operating temperature range.
Do not use the Sensor in locations subject to rapid temperature
changes.
● Miscellaneous
Drift will occur when the power supply is turned ON. If the specific
inductive capacity of the sensing liquid is low, the detection level may
increase by 2 to 3 mm during the 20 minutes required from the time
the power supply is turned ON until operation stabilizes.
Dimensions
(Unit: mm)
Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified.
E2K-L13MC1
R17.5
11
24
R6.5
33
41
43
5
20
4
5
1.5
3.5
1
6.5
6
4.5
6
Sensitivity
adjuster
Detection
indicator
(orange)
Mounting holes
* 2.9-dia. vinyl-insulated round cable with 3 conductors (Conductor cross
section: 0.14 mm
2, Insulator diameter: 0.9 mm), Standard length: 2 m
Sensing surface
E2K-L26MC1
5
R17.5
24
32
34
11
33
R13
20
2
3
3.5
1
6.5
6
1.5
4.5
6
Detection
indicator
(orange)
Sensitivity
adjuster
Mounting holes
* 2.9-dia. vinyl-insulated round cable with 3
conductors (Conductor cross section: 0.14 mm
2,
Insulator diameter: 0.9 mm), Standard length: 2 m
Sensing surface


Similar Part No. - E2K-L13MC1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
E2K-C OMRON-E2K-C Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C OMRON-E2K-C Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C20MC1 OMRON-E2K-C20MC1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
E2K-C20MC1 OMRON-E2K-C20MC1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
More results

Similar Description - E2K-L13MC1

ManufacturerPart #DatasheetDescription
logo
Coto Technology
LSV COTO-LSV Datasheet
118Kb / 2P
   Liquid Level Sensor
LSH COTO-LSH Datasheet
131Kb / 2P
   Liquid Level Sensor
logo
List of Unclassifed Man...
VCS-02 ETC2-VCS-02 Datasheet
226Kb / 2P
   LIQUID LEVEL SENSOR
logo
Littelfuse
LLC8 LITTELFUSE-LLC8 Datasheet
418Kb / 2P
   The LLC8 Series is a low cost, single-probe conductive liquid level control designed for low liquid level cutoff protection
460-15-100-LLS LITTELFUSE-460-15-100-LLS Datasheet
201Kb / 2P
   Single-Channel Liquid Level Sensor
2019 Rev: 2-B-043019
logo
Standex Electronics, In...
LS02-1B66-PP-5000W STANDEX-LS02-1B66-PP-5000W Datasheet
125Kb / 1P
   LS02 Series Liquid Level Sensor
Rev.03
LS01-1A66-PA-2000W STANDEX-LS01-1A66-PA-2000W Datasheet
220Kb / 1P
   LS01 Series Liquid Level Sensor
Rev.04
LS01-1A66-PP-1000W STANDEX-LS01-1A66-PP-1000W Datasheet
215Kb / 1P
   LS01 Series Liquid Level Sensor
Rev.06
LS01-1A66-PP-2000W STANDEX-LS01-1A66-PP-2000W Datasheet
221Kb / 1P
   LS01 Series Liquid Level Sensor
Rev.09
LS01-1A85-PA-500W STANDEX-LS01-1A85-PA-500W Datasheet
213Kb / 1P
   LS01 Series Liquid Level Sensor
Rev.02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com