Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31101-0041 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 31101-0041
Description  H-DAC 64??2.54mm 4 Way Vertical Header Assembly, Polarization B
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

31101-0041 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  31101-0041 Datasheet HTML 1Page - Molex Electronics Ltd. 31101-0041 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/07/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
31101-0041
Status:
Active
Overview:
H-DAC 64™ Unsealed Connector System
Description:
H-DAC 64™ 2.54mm 4 Way Vertical Header Assembly, Polarization B
Documents:
Drawing (PDF)
Application Specification AS-31067-100 (PDF)
Product Specification PS-31100-0001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
31101
Application
Power, Wire-to-Board
Comments
Polarization Option B, Gray
Overview
H-DAC 64™ Unsealed Connector System
Product Name
H-DAC 64™
UPC
822350699808
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Gray
Durability (mating cycles max)
10
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Nickel
Material - Resin
Modified Polystyrene
Net Weight
1.754/g
Number of Rows
1
Orientation
Right Angle
PC Tail Length
3.68mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.57mm
Packaging Type
Tray
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
1.524µm
Plating min - Termination
1.524µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +100°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5A, 7A
Voltage - Maximum
500V DC
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
31101Series
Mates With
H-DAC 64™, 4 Way Receptacle Assembly


Similar Part No. - 31101-0041

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31101-0041 MOLEX4-31101-0041 Datasheet
491Kb / 9P
   H-DAC 64??2.54mm (.100") 4 Way Vertical Header Assembly, Polarization B
More results

Similar Description - 31101-0041

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0311010041 MOLEX4-0311010041 Datasheet
491Kb / 9P
   H-DAC 64??2.54mm (.100") 4 Way Vertical Header Assembly, Polarization B
31101-0040 MOLEX11-31101-0040 Datasheet
53Kb / 2P
   H-DAC 64??2.54mm 4 Way Vertical Header Assembly, Polarization A
31101-0042 MOLEX11-31101-0042 Datasheet
53Kb / 2P
   H-DAC 64??2.54mm 4 Way Vertical Header Assembly, Polarization C
31100-0041 MOLEX11-31100-0041 Datasheet
55Kb / 2P
   H-DAC 64??2.54mm 4 Way Right Angle Header Assembly, Polarization B
0311010040 MOLEX4-0311010040 Datasheet
491Kb / 9P
   H-DAC 64??2.54mm (.100") 4 Way Vertical Header Assembly, Polarization A
0311000041 MOLEX4-0311000041 Datasheet
534Kb / 10P
   H-DAC 64??2.54mm (.100") 4 Way Right Angle Header Assembly, Polarization B
31068-1011 MOLEX11-31068-1011 Datasheet
54Kb / 1P
   2.54mm H-DAC 64?? 4 Way Receptacle Assembly, Single Row, Polarization B
31100-0040 MOLEX11-31100-0040 Datasheet
55Kb / 2P
   H-DAC 64??2.54mm 4 Way Right Angle Header Assembly, Polarization A
0310681011 MOLEX4-0310681011 Datasheet
424Kb / 5P
   2.54mm (.100") H-DAC 64?? 4 Way Receptacle Assembly, Single-Row, Polarization B
31068-1041 MOLEX11-31068-1041 Datasheet
39Kb / 1P
   2.54mm H-DAC 64?? 4 Way Male Housing Assembly, Single Row, Polarization B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com