Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM211-EP Datasheet(PDF) 3 Page - Texas Instruments

Part # LM211-EP
Description  DIFFERENTIAL COMPARATOR WITH STROBES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM211-EP Datasheet(HTML) 3 Page - Texas Instruments

  LM211-EP_14 Datasheet HTML 1Page - Texas Instruments LM211-EP_14 Datasheet HTML 2Page - Texas Instruments LM211-EP_14 Datasheet HTML 3Page - Texas Instruments LM211-EP_14 Datasheet HTML 4Page - Texas Instruments LM211-EP_14 Datasheet HTML 5Page - Texas Instruments LM211-EP_14 Datasheet HTML 6Page - Texas Instruments LM211-EP_14 Datasheet HTML 7Page - Texas Instruments LM211-EP_14 Datasheet HTML 8Page - Texas Instruments LM211-EP_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
LM211-EP
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS140A – DECEMBER 2002 – REVISED MAY 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC+
18
VCC–
Supply voltage(2)
–18
V
VCC+ – VCC–
36
VID
Differential input voltage(3)
±30
V
VI
Input voltage, either input(2)(4)
±15
V
Voltage from emitter output to VCC–
30
V
Voltage from collector output to VCC–
50
V
Duration of output short circuit(5)
10
s
TJ
Junction temperature
148
°C
θ
JA
Package thermal impedance(6)
97
°C/W
Lead temperature 1,6 mm (1/16 in) from case for 10 s
260
°C
Tstg
Storage temperature range(7)
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, unless otherwise noted, are with respect to the midpoint between VCC+ and VCC–.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or
±15 V, whichever is less.
(5)
The output may be shorted to ground or either power supply.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
(7)
Long-term high–temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction of
overall device life. See http://www.ti.com/ep_quality for additional information on enhanced plastic packaging.
MIN
MAX
UNIT
VCC+ – VCC–
Supply voltage
3.5
30
V
VI
Input voltage (|VCC+| ≤ 15 V)
VCC– + 0.5
VCC+ – 1.5
V
TA
Operating free-air temperature range for Q temp
–40
125
°C
TA
Operating free-air temperature range for M temp
–55
125
°C
3
Submit Documentation Feedback


Similar Part No. - LM211-EP_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
More results

Similar Description - LM211-EP_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211P TI1-LM211P Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI-LM111 Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111_1003 TI-LM111_1003 Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI1-LP211_14 Datasheet
829Kb / 14P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com