Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6647 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6647
Description  2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6647 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6647 Datasheet HTML 4Page - Texas Instruments LMH6647 Datasheet HTML 5Page - Texas Instruments LMH6647 Datasheet HTML 6Page - Texas Instruments LMH6647 Datasheet HTML 7Page - Texas Instruments LMH6647 Datasheet HTML 8Page - Texas Instruments LMH6647 Datasheet HTML 9Page - Texas Instruments LMH6647 Datasheet HTML 10Page - Texas Instruments LMH6647 Datasheet HTML 11Page - Texas Instruments LMH6647 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
0
500
1.5k
RL (:)
10
100
1k
10k
2k
1k
2.7V
5V
10V
T = -40°C
AV = +1
2.5
k
RL (:)
1
0
100
1k
10k
2.7V
5V
10V
T = 25°C
AV = +1
0
500
1.5k
2.5k
2k
1k
.01
.1
1
10
100
ISINK (mA)
0.01
0.1
1.0
10 VS = 10V
-
40°C
-40°C
85°C
85°C
.01
.1
1
10
100
ISOURCE (mA)
0.01
0.1
1.0
10
VS = 10V
25°C
-
40°C
-
40°C
85°C
85°C
10
100
1k
10k
100k
FREQUENCY (Hz)
10
100
1000
10.00
1.00
0.10
VOLTAGE
CURRENT
0
1
2
3
4
0
50
100
150
200
250
STEP AMPLITUDE (VPP)
±0.1%
±1%
VS = ±2.5V
RL = 500:
CL = 13pF
AV = -1
LMH6645, LMH6646, LMH6647
SNOS970C – JUNE 2001 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
At TJ = 25°C. Unless otherwise specified.
Settling Time vs. Step Size
Noise vs. Frequency
Figure 12.
Figure 13.
VOUT from V
vs.
VOUT from V
+ vs. I
SOURCE
ISINK
Figure 14.
Figure 15.
Output Swing from V+ vs. RL (tied to VS/2)
Output Swing from V+ vs. RL (tied to VS/2)
Figure 16.
Figure 17.
8
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMH6645 LMH6646 LMH6647


Similar Part No. - LMH6647

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6647 NSC-LMH6647 Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
Texas Instruments
LMH6647 TI1-LMH6647 Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
National Semiconductor ...
LMH6647MA NSC-LMH6647MA Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6647MA NSC-LMH6647MA Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
Texas Instruments
LMH6647MA/NOPB TI1-LMH6647MA/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
More results

Similar Description - LMH6647

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6645 NSC-LMH6645 Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
LMH6645 NSC-LMH6645 Datasheet
1Mb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
Texas Instruments
LMH6645 TI1-LMH6645 Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
STMicroelectronics
TSV632 STMICROELECTRONICS-TSV632 Datasheet
1,006Kb / 26P
   Rail-to-rail input/output 60 關A 880 kHz operational amplifiers
logo
Analog Devices
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP196 AD-OP196 Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
OP484 AD-OP484_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com