Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV601 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV601
Description  MHz, Low Power General Purpose, 2.7V Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV601 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV601 Datasheet HTML 5Page - Texas Instruments LMV601 Datasheet HTML 6Page - Texas Instruments LMV601 Datasheet HTML 7Page - Texas Instruments LMV601 Datasheet HTML 8Page - Texas Instruments LMV601 Datasheet HTML 9Page - Texas Instruments LMV601 Datasheet HTML 10Page - Texas Instruments LMV601 Datasheet HTML 11Page - Texas Instruments LMV601 Datasheet HTML 12Page - Texas Instruments LMV601 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
-40 -20
0
20
40
60
80 100 120 140
0
0.2
0.4
0.6
0.8
1
1.2
TEMPERATURE (°)
RISING EDGE
FALLING EDGE
AV = +1
RL = 10k:
VIN = 2VPP
VS = 2.7V
-40 -20
0
20
40
60
80 100 120 140
0
0.2
0.4
0.6
0.8
1
1.2
TEMPERATURE (°)
RISING EDGE
FALLING EDGE
AV = +1
RL = 10k:
VIN = 2VPP
VS = 5V
2.5
3
3.5
4
4.5
5
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
SUPPLY VOLTAGE (V)
FALLING EDGE
RISING EDGE
AV = +1
RL = 10k:
VIN = 2VPP
10
100
1k
10k
FREQUENCY (Hz)
0
40
200
260
240
220
80
60
20
120
140
160
180
100
VS = 5V
VS = 2.7V
VCM = VS/2
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
VIN = VS/2
RL = 5k:
VS = 2.7V
VS =
5V
100
10k
10M
FREQUENCY (Hz)
0
20
100
1M
100k
1k
90
50
10
80
60
40
30
70
RL = 5k:
VS = 5V,
+PSRR
VS = 2.7V, -
PSRR
VS = 5V, -
PSRR
VS = 2.7V,
+PSRR
LMV601, LMV602, LMV604
www.ti.com
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
CMRR
PSRR
vs.
vs.
Frequency
Frequency
Figure 16.
Figure 17.
Input Voltage Noise
Slew Rate
vs.
vs.
frequency
VSUPPLY
Figure 18.
Figure 19.
Slew Rate
Slew Rate
vs.
vs.
Temperature
Temperature
Figure 20.
Figure 21.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV601 LMV602 LMV604


Similar Part No. - LMV601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV601 TI1-LMV601 Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
National Semiconductor ...
LMV601 NSC-LMV601 Datasheet
1Mb / 27P
   Low Power General Purpose, 2.7V Operational Amplifiers
logo
Texas Instruments
LMV601MG TI1-LMV601MG Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV601MG/NOPB TI1-LMV601MG/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   LMV60x 1-MHz, Low-Power, General-Purpose, 2.7-V Operational Amplifiers
logo
National Semiconductor ...
LMV601MGNOPB NSC-LMV601MGNOPB Datasheet
1Mb / 27P
   Low Power General Purpose, 2.7V Operational Amplifiers
More results

Similar Description - LMV601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV601 TI1-LMV601 Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
National Semiconductor ...
LMV601 NSC-LMV601 Datasheet
1Mb / 27P
   Low Power General Purpose, 2.7V Operational Amplifiers
logo
Texas Instruments
LMV601 TI-LMV601_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMV601/LMV602/LMV604 1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV612 TI1-LMV612 Datasheet
1Mb / 28P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611 Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
STMicroelectronics
LMV321LICT STMICROELECTRONICS-LMV321LICT Datasheet
642Kb / 20P
   Low-power, general-purpose operational amplifiers
logo
National Semiconductor ...
LMV611 NSC-LMV611 Datasheet
1Mb / 28P
   Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV601 TI1-LMV601_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMV60x 1-MHz, Low-Power, General-Purpose, 2.7-V Operational Amplifiers
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Rohm
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com