Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV601 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMV601
Description  MHz, Low Power General Purpose, 2.7V Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV601 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV601 Datasheet HTML 6Page - Texas Instruments LMV601 Datasheet HTML 7Page - Texas Instruments LMV601 Datasheet HTML 8Page - Texas Instruments LMV601 Datasheet HTML 9Page - Texas Instruments LMV601 Datasheet HTML 10Page - Texas Instruments LMV601 Datasheet HTML 11Page - Texas Instruments LMV601 Datasheet HTML 12Page - Texas Instruments LMV601 Datasheet HTML 13Page - Texas Instruments LMV601 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
VS = 5V
RL = 600:
CL = 1000pF
CL = 500pF
CL = 0
CL = 100pF
CL = 1000pF
CL = 500pF
CL = 100pF
CL = 0
-60
-40
-20
0
20
40
60
80
10
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
-60
-40
-20
0
20
40
60
80
100
VS = 5V
RL = 600:
RL = 2k:
RL = 100k:
RL = 600:
RL = 2k:
RL = 100k:
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
-60
-40
-20
0
20
40
60
80
100
VS = 5V
RL = 2k:
125°C
25°C
-40°C
125°C
-40°C
25°C
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-60
-40
-20
0
20
40
60
80
100
PHASE
GAIN
-60
-40
-20
0
20
40
60
80
100
VS = 2.7V
RL = 600:
RL = 2k:
RL = 100k:
RL = 600:
RL = 2k:
RL = 100k:
0.00
1
0.0
1
0.1
1
10
VO (VPP)
0.01
0.1
1
10
f = 10KHz
RL = 600:
VS = 2.7V, AV = +10
VS = 5V, AV = +10
VS = 5V, AV =
+1
VS = 2.7V, AV = +1
1
10
100
1k
100k
FREQUENCY (Hz)
0.001
0.01
1
10
10k
0.1
AV = +10
AV = +1
VS = 2.7V, VO = 1VPP
VS = 5V, VO = 2.5VPP
VS = 2.7V, VO = 1VPP
VS = 5V, VO = 1VPP
LMV601, LMV602, LMV604
SNOSC70B – APRIL 2012 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
THD+N
THD+N
vs.
vs.
Frequency
VOUT
Figure 22.
Figure 23.
Open Loop Frequency Over Temperature
Open Loop Frequency Response
Figure 24.
Figure 25.
Gain and Phase
vs.
Open Loop Frequency Response
CL
Figure 26.
Figure 27.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMV601 LMV602 LMV604


Similar Part No. - LMV601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV601 TI1-LMV601 Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
National Semiconductor ...
LMV601 NSC-LMV601 Datasheet
1Mb / 27P
   Low Power General Purpose, 2.7V Operational Amplifiers
logo
Texas Instruments
LMV601MG TI1-LMV601MG Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV601MG/NOPB TI1-LMV601MG/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   LMV60x 1-MHz, Low-Power, General-Purpose, 2.7-V Operational Amplifiers
logo
National Semiconductor ...
LMV601MGNOPB NSC-LMV601MGNOPB Datasheet
1Mb / 27P
   Low Power General Purpose, 2.7V Operational Amplifiers
More results

Similar Description - LMV601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV601 TI1-LMV601 Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
National Semiconductor ...
LMV601 NSC-LMV601 Datasheet
1Mb / 27P
   Low Power General Purpose, 2.7V Operational Amplifiers
logo
Texas Instruments
LMV601 TI-LMV601_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMV601/LMV602/LMV604 1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
LMV612 TI1-LMV612 Datasheet
1Mb / 28P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611 Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
STMicroelectronics
LMV321LICT STMICROELECTRONICS-LMV321LICT Datasheet
642Kb / 20P
   Low-power, general-purpose operational amplifiers
logo
National Semiconductor ...
LMV611 NSC-LMV611 Datasheet
1Mb / 28P
   Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV601 TI1-LMV601_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMV60x 1-MHz, Low-Power, General-Purpose, 2.7-V Operational Amplifiers
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Rohm
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com