Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA633KP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA633KP
Description  High Speed BUFFER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA633KP Datasheet(HTML) 4 Page - Texas Instruments

  OPA633KP Datasheet HTML 1Page - Texas Instruments OPA633KP Datasheet HTML 2Page - Texas Instruments OPA633KP Datasheet HTML 3Page - Texas Instruments OPA633KP Datasheet HTML 4Page - Texas Instruments OPA633KP Datasheet HTML 5Page - Texas Instruments OPA633KP Datasheet HTML 6Page - Texas Instruments OPA633KP Datasheet HTML 7Page - Texas Instruments OPA633KP Datasheet HTML 8Page - Texas Instruments OPA633KP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
®
OPA633
TYPICAL PERFORMANCE CURVES (CONT)
At +25
°C, V
S = ±12V, RS = 50Ω, RL = 100Ω, and CL = 10pF, unless otherwise specified.
QUIESCENT CURRENT vs TEMPERATURE
Temperature (°C)
30
25
20
15
10
5
–50
50
125
–25
0
25
75
100
V
S = ±15V
V
S = ±5V
SLEW RATE vs TEMPERATURE
Temperature (°C)
2500
2000
1500
1000
500
0
–50
50
125
–25
0
25
75
100
Falling Edge
Rising Edge
Falling Edge
Rising Edge
R
L = 1kΩ
R
L = 100Ω
0
Frequency (Hz)
POWER SUPPLY REJECTION vs FREQUENCY
10k
100k
1k
1M
80
70
60
50
40
30
20
10
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (°C)
25
20
15
10
5
0
–50
50
125
–25
0
25
75
100
V
S = ±15V
V
S = ±5V
V
S = ±12V
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Output Current (mA)
V
IN – VOUT vs OUTPUT CURRENT
20
40
60
80
100
10
30
50
70
90
0
V
O = –10
V
O = 0
V
O = +10
V
O = 0
Current Sourcing
Current Sinking
30
25
20
15
10
5
0
Load Resistance (
Ω)
OUTPUT VOLTAGE SWING vs LOAD RESISTANCE
200
400
600
800
1k
100
300
500
700
900
0
V
S = ±15V
V
S = ±5V
V
S = ±10V
V
S = ±12V


Similar Part No. - OPA633KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA633KP BURR-BROWN-OPA633KP Datasheet
136Kb / 8P
   High Speed BUFFER AMPLIFIER
More results

Similar Description - OPA633KP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA633 NSC-OPA633 Datasheet
124Kb / 9P
   High Speed BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0002 ANAREN-MSK0002 Datasheet
135Kb / 5P
   HIGH SPEED, BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA633 BURR-BROWN-OPA633 Datasheet
136Kb / 8P
   High Speed BUFFER AMPLIFIER
BUF600 BURR-BROWN-BUF600 Datasheet
247Kb / 14P
   HIGH-SPEED BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0002 MSK-MSK0002 Datasheet
289Kb / 5P
   HIGH SPEED, BUFFER AMPLIFIER AMP
MSK0002RH MSK-MSK0002RH Datasheet
590Kb / 7P
   RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
   RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
logo
Intersil Corporation
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
   Ultra High Speed Programmable Gain Buffer Amplifier
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
   Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
Sony Corporation
CXA3741AUR SONY-CXA3741AUR Datasheet
252Kb / 15P
   High-speed Buffer Amplifier for CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com