Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA832 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA832
Description  Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA832 Datasheet(HTML) 5 Page - Texas Instruments

  OPA832 Datasheet HTML 1Page - Texas Instruments OPA832 Datasheet HTML 2Page - Texas Instruments OPA832 Datasheet HTML 3Page - Texas Instruments OPA832 Datasheet HTML 4Page - Texas Instruments OPA832 Datasheet HTML 5Page - Texas Instruments OPA832 Datasheet HTML 6Page - Texas Instruments OPA832 Datasheet HTML 7Page - Texas Instruments OPA832 Datasheet HTML 8Page - Texas Instruments OPA832 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
OPA832
SBOS266E − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
5
ELECTRICAL CHARACTERISTICS: VS = +3.3V
Boldface limits are tested at +25
°C.
At TA = 25°C, G = +2, and RL = 150Ω to VCM = 0.75V, unless otherwise noted (see Figure 2).
OPA832ID, IDBV
TYP
MIN/MAX OVER
TEMPERATURE
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
0
°C to
70
°C(2)
UNITS
MIN/
MAX
TEST
LEVEL(3)
AC PERFORMANCE (see Figure 2)
Small-Signal Bandwidth
G = +2, VO ≤ 0.5VPP
95
59
57
MHz
min
B
G = −1, VO ≤ 0.5VPP
103
63
61
MHz
min
B
Peaking at a Gain of +1
VO ≤ 0.5VPP
4.2
dB
typ
C
Slew Rate
1V Step
170
115
115
V/
µs
min
B
Rise Time
0.5V Step
4
ns
max
B
Fall Time
0.5V Step
4.2
ns
max
B
Settling Time to 0.1%
1V Step
48
ns
max
B
Harmonic Distortion
5MHz
2nd-Harmonic
RL = 150Ω
−71
−64
−62
dBc
max
B
RL = 500Ω
−74
−70
−66
dBc
max
B
3rd-Harmonic
RL = 150Ω
−66
−60
−55
dBc
max
B
RL = 500Ω
−69
−66
−62
dBc
max
B
Input Voltage Noise
f > 1MHz
9.4
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
2.4
pA/
√Hz
max
B
DC PERFORMANCE(4)
Gain Error
G = +2
±0.3
±1.5
±1.6
%
min
A
G = −1
±0.2
±1.5
±1.6
%
max
B
Internal RF and RG
Maximum
400
455
460
max
A
Minimum
400
345
340
max
A
Average Drift
0.1
%/
°C
max
B
Input Offset Voltage
±1
±7
±8
mV
max
A
Average Offset Voltage Drift
±20
µV/°C
max
B
Input Bias Current
VCM = 0.75V
5.5
+10
+12
µA
max
A
Input Bias Current Drift
±12
nA/
°C
max
B
Input Offset Current
VCM = 0.75V
±0.1
±1.5
±2
µA
max
A
Input Offset Current Drift
±10
nA/
°C
max
B
INPUT
Least Positive Input Voltage
−0.5
−0.3
−0.2
V
max
B
Most Positive Input Voltage
1.5
1.4
1.3
V
min
B
Input Impedance, Differential-Mode
10
 2.1
k
Ω pF
typ
C
Common-Mode
400
 1.2
k
Ω pF
typ
C
OUTPUT
Least Positive Output Voltage
RL = 1kΩ to 0.75V
0.03
0.16
0.18
V
max
B
RL = 150Ω to 0.75V
0.1
0.3
0.35
V
max
B
Most Positive Output Voltage
RL = 1kΩ to 0.75V
3
2.8
2.6
V
min
B
RL = 150Ω to 0.75V
3
2.8
2.6
V
min
B
Current Output, Sourcing
35
25
20
mA
min
A
Current Output, Sinking
35
25
20
mA
min
A
Short-Circuit Output Current
Output Shorted to Either Supply
80
mA
typ
C
Closed-Loop Output Impedance
See Figure 2, f < 100kHz
0.2
typ
C
POWER SUPPLY
Minimum Operating Voltage
+2.8
V
typ
C
Maximum Operating Voltage
+11
+11
V
max
A
Maximum Quiescent Current
VS = +3.3V
3.8
4.0
4.7
mA
max
A
Minimum Quiescent Current
VS = +3.3V
3.8
3.4
3.2
mA
min
A
Power-Supply Rejection Ratio (PSRR)
Input-Referred
60
dB
typ
C
THERMAL CHARACTERISTICS
Specification: ID, IDBV
−40 to +85
°C
typ
C
Thermal Resistance
D
SO-8
125
°C/W
typ
C
DBV SOT23-5
150
°C/W
typ
C
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limits; junction temperature = ambient +5°C at high temperature limit for over temperature.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation. (C) Typical value only
for information.
(4) Current is considered positive out of node.


Similar Part No. - OPA832

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA832 BURR-BROWN-OPA832 Datasheet
471Kb / 26P
   Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
OPA832 BURR-BROWN-OPA832 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA832 BURR-BROWN-OPA832 Datasheet
609Kb / 32P
   Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA832 TI-OPA832 Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA832 NSC-OPA832 Datasheet
750Kb / 30P
   Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
More results

Similar Description - OPA832

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA832 NSC-OPA832 Datasheet
750Kb / 30P
   Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
logo
Burr-Brown (TI)
OPA832 BURR-BROWN-OPA832 Datasheet
471Kb / 26P
   Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
logo
Texas Instruments
OPA832 TI1-OPA832_15 Datasheet
755Kb / 30P
[Old version datasheet]   Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com