Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10064 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC10064
Description  ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10064 Datasheet(HTML) 1 Page - Texas Instruments

  ADC10064 Datasheet HTML 1Page - Texas Instruments ADC10064 Datasheet HTML 2Page - Texas Instruments ADC10064 Datasheet HTML 3Page - Texas Instruments ADC10064 Datasheet HTML 4Page - Texas Instruments ADC10064 Datasheet HTML 5Page - Texas Instruments ADC10064 Datasheet HTML 6Page - Texas Instruments ADC10064 Datasheet HTML 7Page - Texas Instruments ADC10064 Datasheet HTML 8Page - Texas Instruments ADC10064 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ADC10061, ADC10062, ADC10064
www.ti.com
SNAS069E – JUNE 1999 – REVISED MARCH 2013
ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and
Sample/Hold
Check for Samples: ADC10061, ADC10062, ADC10064
1
FEATURES
DESCRIPTION
NOTE: The ADC10061 and ADC10062 are obsolete.
2
Built-in Sample-and-Hold
They are described here for reference only.
Single +5V Supply
Using an innovative, patented multistep* conversion
No External Clock Required
technique, these CMOS analog-to-digital converters
Speed Adjust Pin for Faster Conversions
offer sub-microsecond conversion times yet dissipate
(ADC10062 and ADC10064). See ADC10662/4
a maximum of only 235 mW. These converters
for High Speed Ensured Performance.
perform 10-bit conversions in two lower-resolution
“flashes”, yielding a fast A/D without the cost, power
APPLICATIONS
consumption, and other problems associated with
true flash approaches.
Digital Signal Processor Front Ends
The analog input voltage is sampled and held by an
Instrumentation
internal sampling circuit. Input signals at frequencies
Disk Drives
from DC to over 200 kHz can, therefore, be digitized
Mobile Telecommunications
accurately without the need for an external sample-
and-hold circuit.
KEY SPECIFICATIONS
The ADC10062 and ADC10064 include a “speed-up”
Conversion Time 600 ns Typical, 900 ns Max
pin. Connecting an external resistor between this pin
and ground reduces the typical conversion time to as
Sampling Rate 800 kHz
little as 350 ns with only a small increase in linearity
Low Power Dissipation 235 mW (Max)
error.
Total Unadjusted Error ±1.0 LSB (Max)
For
ease
of
interface
to
microprocessors,
the
No Missing Codes Over Temperature
ADC10061, ADC10062, and ADC10064 have been
designed to appear as a memory location or I/O port
without the need for external interface logic.
*U.S. Patent Number 4918449
Simplified Block Diagram
*ADC10061 Only, **ADC10062 and ADC10064 Only, ***ADC10064 Only
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC10064

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10064 NSC-ADC10064 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10064 TI1-ADC10064 Datasheet
1Mb / 22P
[Old version datasheet]   10-Bit 600 ns A/D Converter
ADC10064 TI1-ADC10064 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
National Semiconductor ...
ADC10064CIWM NSC-ADC10064CIWM Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Similar Description - ADC10064

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com