Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10040CIMT Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC10040CIMT
Description  ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10040CIMT Datasheet(HTML) 3 Page - Texas Instruments

  ADC10040CIMT Datasheet HTML 1Page - Texas Instruments ADC10040CIMT Datasheet HTML 2Page - Texas Instruments ADC10040CIMT Datasheet HTML 3Page - Texas Instruments ADC10040CIMT Datasheet HTML 4Page - Texas Instruments ADC10040CIMT Datasheet HTML 5Page - Texas Instruments ADC10040CIMT Datasheet HTML 6Page - Texas Instruments ADC10040CIMT Datasheet HTML 7Page - Texas Instruments ADC10040CIMT Datasheet HTML 8Page - Texas Instruments ADC10040CIMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADC10040
www.ti.com
SNAS224M – JULY 2003 – REVISED APRIL 2013
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
Inverting analog input signal. With a 1.2V reference the full-scale
12
VIN
input signal level is a differential 1.0 VP-P. This pin may be tied to
VCOM (pin 4) for single-ended operation.
Non-inverting analog input signal. With a 1.2V reference the full-
13
VIN+
scale input signal level is a differential 1.0 VP-P.
Reference Voltage. This device provides an internal 1.2V reference.
This pin should be bypassed to VSSA with a 0.1 µF monolithic
6
VREF
capacitor. VREF is 1.20V nominal. This pin may be driven by a 1.20V
external reference if desired. Do not load this pin.
7
VREFT
These pins are high impedance reference bypass pins only. Connect
a 0.1 µF capacitor from each of these pins to VSSA. These pins
4
VCOM
should not be loaded. VCOM may be used to set the input common
mode voltage VCM.
8
VREFB
DIGITAL I/O
Digital clock input. The range of frequencies for this input is 20 MHz
1
CLK
to 40 MHz. The input is sampled on the rising edge of this input.
DF = “1” Two’s Complement
15
DF
DF = “0” Offset Binary
This is the standby pin. When high, this pin sets the converter into
28
STBY
standby mode. When this pin is low, the converter is in active mode.
IRS = “VDDA” 2.0 VP-P input range
IRS = “VSSA” 1.5 VP-P input range
IRS (Input Range
5
IRS = “Floating” 1.0 VP-P input range
Select)
If using both VIN+ and VIN- pins, (or differential mode), then the
peak-to-peak voltage refers to the differential voltage (VIN+ - VIN-).
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC10040


Similar Part No. - ADC10040CIMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10040CIMT NSC-ADC10040CIMT Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10040CIMT/NOPB TI1-ADC10040CIMT/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
logo
National Semiconductor ...
ADC10040CIMTX NSC-ADC10040CIMTX Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10040CIMTX/NOPB TI1-ADC10040CIMTX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
More results

Similar Description - ADC10040CIMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Texas Instruments
ADC10040 TI1-ADC10040_15 Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com