Electronic Components Datasheet Search |
|
THS4531A Datasheet(PDF) 2 Page - Texas Instruments |
|
|
THS4531A Datasheet(HTML) 2 Page - Texas Instruments |
2 / 51 page THS4531A SLOS823A – DECEMBER 2012 – REVISED JANUARY 2013 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGING/ORDERING INFORMATION(1) SPECIFIED CHANNEL PACKAGE- PACKAGE PACKAGE ORDERING TRANSPORT MEDIA, PRODUCT TEMPERATURE COUNT LEAD DESIGNATOR MARKING NUMBER QUANTITY RANGE 1 T4531A THS4531AID Rails, 75 SOIC-8 D –40°C to +125°C 1 T4531A THS4531AIDR Tape and reel, 2500 1 531A THS4531AIDGK Rails, 80 THS4531A VSSOP-8 DGK –40°C to +125°C 1 531A THS4531AIDGKR Tape and reel, 2500 1 531A THS4531AIRUNT Tape and reel, 250 WQFN-10 RUN –40°C to +125°C 1 531A THS4531AIRUNR Tape and reel, 3000 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. ABSOLUTE MAXIMUM RATINGS VALUE UNITS Supply voltage, VS– to VS+ 5.5 Input/output voltage, VIN±, VOUT±, and VOCM pins (VS–) – 0.7 to (VS+) + 0.7 V Differential input voltage, VID 1 V Continuous output current, IO 50 mA Continuous input current, Ii 0.75 mA Continuous power dissipation See Thermal Information Maximum junction temperature, TJ 150 °C Operating free-air temperature range, TA –40 to +125 °C Storage temperature range, Tstg –65 to +150 °C Electrostatic Human body model (HBM) 3 kV discharge (ESD) Charge device model (CDM) 500 V ratings: THERMAL INFORMATION THS4531A THS4531A THS4531A VSSOP SOIC WQFN THERMAL METRIC(1) (MSOP) UNITS (P) (RUN) (DGK) 8 PINS 8 PINS 10 PINS θJA Junction-to-ambient thermal resistance 133 198 163 θJCtop Junction-to-case (top) thermal resistance 78 84 66 θJB Junction-to-board thermal resistance 73 120 113 °C/W ψJT Junction-to-top characterization parameter 26 19 17 ψJB Junction-to-board characterization parameter 73 118 113 θJCbot Junction-to-case (bottom) thermal resistance N/A N/A N/A (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. 2 Submit Documentation Feedback Copyright © 2012–2013, Texas Instruments Incorporated Product Folder Links :THS4531A |
Similar Part No. - THS4531A |
|
Similar Description - THS4531A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |