Electronic Components Datasheet Search |
|
THS4531A Datasheet(PDF) 3 Page - Texas Instruments |
|
|
THS4531A Datasheet(HTML) 3 Page - Texas Instruments |
3 / 51 page THS4531A www.ti.com SLOS823A – DECEMBER 2012 – REVISED JANUARY 2013 ELECTRICAL CHARACTERISTICS: VS = 2.7 V Test conditions at TA = 25°C, VS+ = 2.7 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP, RF = 2 kΩ, RL = 2 kΩ differential, G = 1 V/V, single-ended input, differential output, and input and output referenced to mid-supply, unless otherwise noted. TEST PARAMETER CONDITIONS MIN TYP MAX UNITS LEVEL AC PERFORMANCE VOUT = 100 mVPP, G = 1 34 VOUT = 100 mVPP, G = 2 16 Small-signal bandwidth MHz VOUT = 100 mVPP, G = 5 6 VOUT = 100 mVPP, G = 10 2.7 Gain-bandwidth product VOUT = 100 mVPP, G = 10 27 MHz Large-signal bandwidth VOUT = 2 VPP, G = 1 34 MHz Bandwidth for 0.1-dB flatness VOUT = 2 VPP, G = 1 12 MHz Slew rate, rise/fall, 25% to 75% 190/320 V/µs Rise/fall time, 10% to 90% 5.2/6.1 ns Settling time to 1%, rise/fall 25/20 VOUT = 2-V step ns Settling time to 0.1%, rise/fall 60/60 Settling time to 0.01%, rise/fall 150/110 ns Overshoot/undershoot, rise/fall 1/1 % f = 1 kHz, VOUT = 1 VRMS –122 C 2nd-order harmonic distortion f = 10 kHz –127 dBc f = 1 MHz –59 f = 1 kHz, VOUT = 1 VRMS –130 3rd-order harmonic distortion f = 10 kHz –135 dBc f = 1 MHz –70 2nd-order intermodulation distortion –83 f = 1 MHz, 200-kHz tone spacing, dBc VOUT envelope = 2 VPP 3rd-order intermodulation distortion –81 Input voltage noise f = 1 kHz 10 nV/ √Hz Voltage noise 1/f corner frequency 45 Hz Input current noise f = 100 kHz 0.25 pA/ √Hz Current noise 1/f corner frequency 6.5 kHz Overdrive recovery time Overdrive = 0.5 V 65 ns Output balance error VOUT = 100 mV, f = 1 MHz –65 dB Closed-loop output impedance f = 1 MHz (differential) 2.5 Ω Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links :THS4531A |
Similar Part No. - THS4531A |
|
Similar Description - THS4531A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |