Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12048CIV Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC12048CIV
Description  ADC12048 12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12048CIV Datasheet(HTML) 4 Page - Texas Instruments

  ADC12048CIV Datasheet HTML 1Page - Texas Instruments ADC12048CIV Datasheet HTML 2Page - Texas Instruments ADC12048CIV Datasheet HTML 3Page - Texas Instruments ADC12048CIV Datasheet HTML 4Page - Texas Instruments ADC12048CIV Datasheet HTML 5Page - Texas Instruments ADC12048CIV Datasheet HTML 6Page - Texas Instruments ADC12048CIV Datasheet HTML 7Page - Texas Instruments ADC12048CIV Datasheet HTML 8Page - Texas Instruments ADC12048CIV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ADC12048
SNAS105B – APRIL 2000 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTION (continued)
PLCC Pkg.
PQFP Pkg.
Pin Name
Description
Pin Number
Pin Number
10
4
VA+
Analog supply input pin. The device operating supply voltage range is +5V
±10%. Accuracy is ensured only if the VA+ and VD+ are connected to the same
potential. This pin should be bypassed to AGND with a parallel combination of a
10
μF and a 0.1 μF (ceramic) capacitor. The capacitors should be placed as
close to the supply pins of the part as possible.
11
5
AGND
Analog ground pin. This is the device's analog supply ground connection. It
should be connected through a low resistance and low inductance ground return
to the system power supply.
32 and 41
26 and 35
VD+
Digital supply input pins. The device operating supply voltage range is +5V
±10%. Accuracy is ensured only if the VA+ and VD+ are connected to the same
potential. This pin should be bypassed to DGND with a parallel combination of a
10
μF and a 0.1 μF (ceramic) capacitor. The capacitors should be placed as
close to the supply pins of the part as possible.
33 and 42
27 and 36
DGND
Digital ground pin. This is the device's digital supply ground connection. It should
be connected through a low resistance and low inductance ground return to the
system power supply.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VA+ and VD+)
6.0V
Voltage at all Inputs
−0.3V to V+ + 0.3V
|VA+ − VD+|
300 mV
|AGND
− DGND|
300 mV
Input Current at Any Pin(4)
±30 mA
Package Input Current(4)
±120 mA
Power Dissipation at TA = 25°C
(5)
875 mW
Storage Temperature
−65°C to +150°C
Vapor Phase (60 sec.)
210°C
PGB Package
Lead Temperature
Infared (15 sec.)
220°C
FN Package
Infared (15 sec.)
300°C
ESD Susceptibility(6)
3.0 kV
(1)
All voltages are measured with respect to GND, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The specified specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < GND or VIN > (VA+ or VD+)), the current at that pin should
be limited to 30 mA. The 120 mA maximum package input current limits the number of pins that can safely exceed the power supplies
with an input current of 30 mA to four.
(5)
The maximum power dissipation must he derated at elevated temperatures and is dictated by TJmax, (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax − TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For this device,
TJmax = 150°C, and the typical thermal resistance (θJA) of the ADC12048 in the FN package, when board mounted, is 55°C/W, and in
the PGB package, when board mounted, is 67.8°C/W.
(6)
Human body model, 100 pF discharged through 1.5 k
Ω resistor.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC12048


Similar Part No. - ADC12048CIV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12048CIV NSC-ADC12048CIV Datasheet
635Kb / 30P
   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
ADC12048CIV NSC-ADC12048CIV Datasheet
712Kb / 32P
   12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADC12048CIV TI1-ADC12048CIV Datasheet
1Mb / 36P
[Old version datasheet]   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
ADC12048CIV/NOPB TI1-ADC12048CIV/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12048CIVF NSC-ADC12048CIVF Datasheet
635Kb / 30P
   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
More results

Similar Description - ADC12048CIV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12048 TI1-ADC12048 Datasheet
1Mb / 36P
[Old version datasheet]   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12048 NSC-ADC12048 Datasheet
635Kb / 30P
   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
ADC12041 NSC-ADC12041 Datasheet
591Kb / 28P
   12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
ADC12048 NSC-ADC12048_02 Datasheet
712Kb / 32P
   12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104-EP TI-PCM4104-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
logo
National Semiconductor ...
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
   12-Bit Plus Sign Sampling A/D Converter
logo
Texas Instruments
ADS7822-Q1 TI1-ADS7822-Q1 Datasheet
769Kb / 23P
[Old version datasheet]   12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
PCM4202-EP TI-PCM4202-EP_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
JUNE 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com