Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7881IPFBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7881IPFBT
Description  4 MHz Sample Rate, 12-Bit Resolution High Speed Parallel Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7881IPFBT Datasheet(HTML) 2 Page - Texas Instruments

  ADS7881IPFBT Datasheet HTML 1Page - Texas Instruments ADS7881IPFBT Datasheet HTML 2Page - Texas Instruments ADS7881IPFBT Datasheet HTML 3Page - Texas Instruments ADS7881IPFBT Datasheet HTML 4Page - Texas Instruments ADS7881IPFBT Datasheet HTML 5Page - Texas Instruments ADS7881IPFBT Datasheet HTML 6Page - Texas Instruments ADS7881IPFBT Datasheet HTML 7Page - Texas Instruments ADS7881IPFBT Datasheet HTML 8Page - Texas Instruments ADS7881IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ADS7881
SLAS400B − SEPTEMBER 2003 − REVISED NOVEMBER 2005
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
MODEL
MAXIMUM
INTEGRAL
LINEARITY
(LSB)
MAXIMUM
DIFFERENTIAL
LINEARITY
(LSB)
NO MISSING
CODES AT
RESOLUTION
(BIT)
PACKAGE
TYPE
PACKAGE
DESIGNATOR
TEMPERATURE
RANGE
ORDERING
INFORMATION
TRANSPORT
MEDIA QUANTITY
±1
±1
12
48-Pin
PFB
−40
°C to 85°C
ADS7881IPFBT
Tape and reel
250
ADS7881
±1
±1
12
48-Pin
TQFP
PFB
−40
°C to 85°C
ADS7881IPFBR
Tape and reel
1000
ADS7881
±1
±1
12
48-Pin
RGZ
−40
°C to 85°C
ADS7881IRGZT
Tape and reel
250
±1
±1
12
48-Pin
QFN
RGZ
−40
°C to 85°C
ADS7881IRGZR
Tape and reel
2500
NOTE: For most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range(1)
UNIT
+IN to AGND
−0.3 V to +VA + 0.1 V
−IN to AGND
−0.3 V to 0.5 V
+VA to AGND
−0.3 V to 7 V
+VBD to BDGND
−0.3 V to 7 V
Digital input voltage to GND
−0.3 V to (+VBD + 0.3 V)
Digital output to GND
−0.3 V to (+VBD + 0.3 V)
Operating temperature range
−40
°C to 85°C
Storage temperature range
−65
°C to 150°C
Junction temperature (TJmax)
150
°C
TQFP and QFN packages
Power dissipation
(TJ Max–TA)/ θJA
TQFP and QFN packages
θJA Thermal impedance
86
°C/W
Lead temperature, soldering
Vapor phase (60 sec)
215
°C
Lead temperature, soldering
Infrared (15 sec)
220
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Similar Part No. - ADS7881IPFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881IPFBT TI-ADS7881IPFBT Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881IPFBT BURR-BROWN-ADS7881IPFBT Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7881IPFBT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SHA1144 AD-SHA1144_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION 14 BIT SAMPLE AND HOLD AMPLIFIER
logo
Intronics Power, Inc.
SHA1144 INTRONICS-SHA1144 Datasheet
1Mb / 6P
   High Resolution 14-Bit Sample and Hold Amplifier
logo
Analog Devices
SHA1144 AD-SHA1144 Datasheet
540Kb / 6P
   HIGH RESOLUTION 14 BIT SAMPLE AND HOLD AMPLIFIER
AD9260 AD-AD9260 Datasheet
572Kb / 36P
   High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. B
AD9260 AD-AD9260_15 Datasheet
1Mb / 44P
   High Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
REV. C
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
[Old version datasheet]   4-Channel, Asynchronous Sample Rate Converter
logo
Hamamatsu Corporation
C10322D HAMAMATSU-C10322D Datasheet
137Kb / 6P
   Flat panel sensor High sensitivity, high-speed frame rate, high resolution
C9311DK HAMAMATSU-C9311DK Datasheet
142Kb / 6P
   Flat panel sensor High sensitivity, high-speed frame rate, high resolution
logo
Burr-Brown (TI)
SRC4194 BURR-BROWN-SRC4194 Datasheet
502Kb / 40P
   4-Channel, Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com