Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7886SDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7886SDBVT
Description  12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7886SDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7886SDBVT Datasheet HTML 5Page - Texas Instruments ADS7886SDBVT Datasheet HTML 6Page - Texas Instruments ADS7886SDBVT Datasheet HTML 7Page - Texas Instruments ADS7886SDBVT Datasheet HTML 8Page - Texas Instruments ADS7886SDBVT Datasheet HTML 9Page - Texas Instruments ADS7886SDBVT Datasheet HTML 10Page - Texas Instruments ADS7886SDBVT Datasheet HTML 11Page - Texas Instruments ADS7886SDBVT Datasheet HTML 12Page - Texas Instruments ADS7886SDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2.35
3.075
3.8
4.525
5.25
V
− SupplyV
DD
oltage − V
69
69.5
70
70.5
71
71.5
72
72.5
73
fs =1MSPS,
f =100kHz,
T
=25 C
I
A
o
69
69.5
70
70.5
71
71.5
72
72.5
73
1
10
100
1000
f − InputFrequency − kHz
I
f =1MSPS,
T
=25 C
s
V
=5V,
DD
A
o
69
69.5
70
70.5
71
71.5
72
72.5
73
−40
15
70
125
T − Free-AirT
A
emperature − C
o
f =1MSPS,
f
s
I =100kHz
5V
2.35V
−94
−93
−92
−91
−90
−89
−88
−87
−86
−85
−84
1
10
100
fi − InputFrequency − kHz
fS =1MSPS,
T 25 C,
V
=5V
A
DD
o
2.35
3.075
3.8
4.525
5.25
V
− SupplyV
DD
oltage − V
-90
-88
-84
-86
-82
-80
fs =1MSPS,
f =100kHz,
T
=25 C
I
A
o
-90
-89
-88
-87
-86
-85
-84
-83
-81
-82
-80
−40
15
70
125
T − Free-AirT
A
emperature − C
o
f =1MSPS,
f
s
I =100kHz
5V
2.35V
82
82.5
83
83.5
84
84.5
85
85.5
86
86.5
87
1
10
100
fi − InputFrequency − kHz
f =1MSPS,
T
=25 C
s
V
=5V,
DD
A
o
2.35
3.075
3.8
4.525
5.25
V
− SupplyV
DD
oltage − V
82
82.5
83
83.5
84
84.5
85
85.5
86.5
86
87
fs =1MSPS,
f =100kHz,
T
=25 C
I
A
o
85.2
85.4
85.6
85.8
86
86.2
86.4
86.6
−40
15
70
125
T − Free-AirT
A
emperature − C
o
f =1MSPS,
f
T
=25 C
s
I =100kHz,
A
o
5V
2.35V
ADS7886
www.ti.com
SLAS492A – SEPTEMBER 2005 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE RATIO
vs
vs
vs
INPUT FREQUENCY
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 8.
Figure 9.
Figure 10.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs
vs
vs
INPUT FREQUENCY
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 11.
Figure 12.
Figure 13.
SPURIOUS FREE DYNAMIC RANGE
SPURIOUS FREE DYNAMIC RANGE
SPURIOUS FREE DYNAMIC RANGE
vs
vs
vs
INPUT FREQUENCY
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 14.
Figure 15.
Figure 16.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS7886


Similar Part No. - ADS7886SDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7886SDBVT TI-ADS7886SDBVT Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS7886SDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com