Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6444IRGCRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS6444IRGCRG4
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6444IRGCRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS6444IRGCRG4 Datasheet HTML 5Page - Texas Instruments ADS6444IRGCRG4 Datasheet HTML 6Page - Texas Instruments ADS6444IRGCRG4 Datasheet HTML 7Page - Texas Instruments ADS6444IRGCRG4 Datasheet HTML 8Page - Texas Instruments ADS6444IRGCRG4 Datasheet HTML 9Page - Texas Instruments ADS6444IRGCRG4 Datasheet HTML 10Page - Texas Instruments ADS6444IRGCRG4 Datasheet HTML 11Page - Texas Instruments ADS6444IRGCRG4 Datasheet HTML 12Page - Texas Instruments ADS6444IRGCRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
ADS6445, ADS6444
ADS6443, ADS6442
www.ti.com
SLAS531B – MAY 2007 – REVISED DECEMBER 2009
DIGITAL CHARACTERISTICS
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1 AVDD = LVDD = 3.3V, IO = 3.5mA, RLOAD = 100Ω
(1).
All LVDS specifications are characterized, but not tested at production.
ASD6445/ADS6444
ADS6443/ADS6442
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DIGITAL INPUTS
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
High-level input current
10
μA
Low-level input current
10
μA
Input capacitance
4
pF
DIGITAL OUTPUTS
High-level output voltage
1375
mV
Low-level output voltage
1025
mV
Output differential voltage |VOD|
250
350
450
mV
Output offset voltage VOS
Common-mode voltage of OUTP and OUTM
1200
mV
Output capacitance inside the device, from either output to
2
pF
Output capacitance
ground
(1)
IO refers to the LVDS buffer current setting, RLOAD is the external differential load resistance between the LVDS output pair.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS6445, ADS6444 ADS6443, ADS6442


Similar Part No. - ADS6444IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6444IRGCRG4 TI-ADS6444IRGCRG4 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6444IRGCRG4 TI-ADS6444IRGCRG4 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6444IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com