Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECHU1H104 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECHU1H104
Description  Stacked Metallized PPS Film Chip Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1H104 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECHU1H104 Datasheet HTML 1Page - Panasonic Semiconductor ECHU1H104 Datasheet HTML 2Page - Panasonic Semiconductor ECHU1H104 Datasheet HTML 3Page - Panasonic Semiconductor ECHU1H104 Datasheet HTML 4Page - Panasonic Semiconductor ECHU1H104 Datasheet HTML 5Page - Panasonic Semiconductor ECHU1H104 Datasheet HTML 6Page - Panasonic Semiconductor ECHU1H104 Datasheet HTML 7Page - Panasonic Semiconductor ECHU1H104 Datasheet HTML 8Page - Panasonic Semiconductor ECHU1H104 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
(Stacked Metallized Film)
Permissible Current
Permissible Voltage
Applicable Specifications
Frequency(kHz)
Frequency(kHz)
ECHU (X) Type
DC10V series
* Please consult Panasonic if your condition exceeds the above
*The current(0-P) value is calculated using nominal capacitance.
*Permissible voltage graph is the case of sine waveform. When you use this product, peak voltage must not exceed DC rated voltage.
to 27nF
From
3.3nF
0
4
8
12
16
20
-60 -40 -20 0
20 40 60 80 100 120 140
Voltage Derating by Temperature
Surface Temperature of Capacitor(DegreeC)
Pulse Handling Capability (dv/dt)
(Max 10000cycles)
Rating
Voltage
Capacitance
Value(uF)
code
dV/dt
(V/us)
Current(0-P)
(A)
0.0033
332
47
0.16
0.0039
392
44
0.17
0.0047
472
40
0.19
0.0056
562
37
0.21
0.0068
682
34
0.23
0.0082
822
31
0.25
0.01
103
28
0.28
0.012
123
26
0.31
0.015
153
24
0.36
0.018
183
22
0.40
0.022
223
20
0.44
0.027
273
18
0.49
DC
10V
3.3nF
3.9nF
4.7nF
5.6nF
6.8nF
8.2nF
10nF
12nF
15nF
18nF
22nF
27nF
0.0
0.1
0.2
0.3
0.4
0.5
1
10
100
1000
to 27nF
From
3.3nF
1
10
100
1
10
100
1000
(at sine wave)


Similar Part No. - ECHU1H104

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1H104 PANASONIC-ECHU1H104 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H104 PANASONIC-ECHU1H104 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H104 PANASONIC-ECHU1H104 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H104 PANASONIC-ECHU1H104 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H104 PANASONIC-ECHU1H104 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results

Similar Description - ECHU1H104

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224GC9 PANASONIC-ECH-U1H224GC9 Datasheet
116Kb / 2P
   Stacked Metallized PPS Film Chip Capacitor
ECQ-V1H474JL2 PANASONIC-ECQ-V1H474JL2 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C222JX5 PANASONIC-ECH-U1C222JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com