Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IBPW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8328IBPW
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8328IBPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8328IBPW Datasheet HTML 6Page - Texas Instruments ADS8328IBPW Datasheet HTML 7Page - Texas Instruments ADS8328IBPW Datasheet HTML 8Page - Texas Instruments ADS8328IBPW Datasheet HTML 9Page - Texas Instruments ADS8328IBPW Datasheet HTML 10Page - Texas Instruments ADS8328IBPW Datasheet HTML 11Page - Texas Instruments ADS8328IBPW Datasheet HTML 12Page - Texas Instruments ADS8328IBPW Datasheet HTML 13Page - Texas Instruments ADS8328IBPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
+VA
RESERVED
+IN
−IN
AGND
REF−
REF+ (REFIN)
NC
+VBD
SCLK
BDGND
SDO
SDI
FS/CS
EOC/INT
CONVST
ADS8327
PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
+VA
+IN1
+IN0
COM
AGND
REF−
REF+ (REFIN)
NC
+VBD
SCLK
BDGND
SDO
SDI
FS/CS
EOC/INT
CONVST
ADS8328
PW PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
9
10
11
12
5
6
7
8
13
14
15
16
REF+(REFIN)
NC
CONVST
EOC/INT/CDI
RESERVED
+VA
+VBD
SCLK
ADS8327
RSA PACKAGE
(TOP VIEW)
1
2
3
4
9
10
11
12
5
6
7
8
13
14
15
16
REF+(REFIN)
NC
CONVST
EOC/INT/CDI
+IN1
+VA
+VBD
SCLK
ADS8328
RSA PACKAGE
(TOP VIEW)
NC − No internal connection
CAUTION: The thermal pad is internally connected to the substrate. This pad can be connected to the analog ground or left
floating. Keep the thermal pad separate from the digital ground, if possible.
ADS8327
ADS8328
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
www.ti.com
PIN ASSIGNMENTS
10
Submit Documentation Feedback
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8327 ADS8328


Similar Part No. - ADS8328IBPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8328IBPW BURR-BROWN-ADS8328IBPW Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8328IBPW TI-ADS8328IBPW Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8328IBPWR BURR-BROWN-ADS8328IBPWR Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8328IBPWR TI-ADS8328IBPWR Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Similar Description - ADS8328IBPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com