Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8328IBRSAR Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS8328IBRSAR
Description  LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8328IBRSAR Datasheet(HTML) 4 Page - Texas Instruments

  ADS8328IBRSAR Datasheet HTML 1Page - Texas Instruments ADS8328IBRSAR Datasheet HTML 2Page - Texas Instruments ADS8328IBRSAR Datasheet HTML 3Page - Texas Instruments ADS8328IBRSAR Datasheet HTML 4Page - Texas Instruments ADS8328IBRSAR Datasheet HTML 5Page - Texas Instruments ADS8328IBRSAR Datasheet HTML 6Page - Texas Instruments ADS8328IBRSAR Datasheet HTML 7Page - Texas Instruments ADS8328IBRSAR Datasheet HTML 8Page - Texas Instruments ADS8328IBRSAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
ADS8327
ADS8328
SLAS415E
– APRIL 2006 – REVISED JANUARY 2011
www.ti.com
SPECIFICATIONS
TA = –40°C to 85°C, +VA = 2.7 V to 3.6 V, +VBD = 1.65 V to 1.5 × (+VA), VREF = 2.5 V, and fSAMPLE = 500 kHz, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage (1)
+IN
– (–IN) or (+INx – COM)
0
+VREF
V
+IN, +IN0, +IN1
AGND
– 0.2
+VA + 0.2
Absolute input voltage
V
–IN or COM
AGND
– 0.2
AGND + 0.2
Input capacitance
40
45
pF
No ongoing conversion,
Input leakage current
–1
1
nA
DC Input
At dc
108
Input channel isolation, ADS8328 only
dB
VI = ±1.25 VPP at 50 kHz
101
SYSTEM PERFORMANCE
Resolution
16
Bits
No missing codes
16
Bits
ADS8327IB,
–2
±1.2
2
ADS8328IB
INL
Integral linearity
LSB(2)
ADS8327I, ADS8328I
–3
±2
3
ADS8327IB,
–1
±0.6
1
Differential
ADS8328IB
DNL
LSB(2)
linearity
ADS8327I, ADS8328I
–1
±1
2
ADS8327IB,
–0.5
±0.1
0.5
ADS8328IB
EO
Offset error(3)
mV
ADS8327I, ADS8328I
–0.8
±0.1
0.8
Offset error drift
0.2
ppm/
°C
EG
Gain error
–0.25
–0.07
0.25
%FSR
Gain error drift
0.3
ppm/
°C
At dc
70
CMRR
Common-mode rejection ratio
dB
VI = 0.4 VPP at 1 MHz
50
Noise
33
mV RMS
PSRR
Power-supply rejection ratio
At FFFFh output code(3)
78
dB
SAMPLING DYNAMICS
tCONV
Conversion time
18
CCLK
tSAMPLE1
Manual trigger
3
Acquisition time
CCLK
tSAMPLE2
Auto trigger
3
Throughput rate
500
kHz
Aperture delay
5
ns
Aperture jitter
10
ps
Step response
100
ns
Overvoltage recovery
100
ns
(1)
Ideal input span, does not include gain or offset error.
(2)
LSB means least significant bit.
(3)
Measured relative to an ideal full-scale input [+IN
– (–IN)] of 2.5 V when +VA = 2.7 V.
4
Submit Documentation Feedback
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8327 ADS8328


Similar Part No. - ADS8328IBRSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8328IBRSAR TI-ADS8328IBRSAR Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Similar Description - ADS8328IBRSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com