Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8318 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8318
Description  16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8318 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8318 Datasheet HTML 1Page - Texas Instruments ADS8318 Datasheet HTML 2Page - Texas Instruments ADS8318 Datasheet HTML 3Page - Texas Instruments ADS8318 Datasheet HTML 4Page - Texas Instruments ADS8318 Datasheet HTML 5Page - Texas Instruments ADS8318 Datasheet HTML 6Page - Texas Instruments ADS8318 Datasheet HTML 7Page - Texas Instruments ADS8318 Datasheet HTML 8Page - Texas Instruments ADS8318 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ADS8318
SLAS568A
– MAY 2008 – REVISED MARCH 2011
www.ti.com
SPECIFICATIONS (continued)
TA = –40°C to 85°C, +VA = 5 V, +VBD = 5 V to 2.375 V, Vref = 4 V, fSAMPLE = 500 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC CHARACTERISTICS
VIN 0.4 dB below FS at 1 kHz, Vref = 5 V
–114
THD
Total harmonic distortion (5)
VIN 0.4 dB below FS at 10 kHz, Vref = 5 V
–108
dB
VIN 0.4 dB below FS at 100 kHz, Vref = 5 V
–91.5
VIN 0.4 dB below FS at 1 kHz, Vref = 5 V
96
VIN 0.4 dB below FS at 10 kHz, Vref = 5 V
95.2
SNR
Signal-to-noise ratio
dB
VIN 0.4 dB below FS at 100 kHz, Vref = 5 V
92.5
ADS8318IB
VIN 0.4 dB below FS at 1 kHz, Vref = 5 V
95.5
VIN 0.4 dB below FS at 1 kHz, Vref = 5 V
96
SINAD
Signal-to-noise + distortion
VIN 0.4 dB below FS at 10 kHz, Vref = 5 V
95
dB
VIN 0.4 dB below FS at 100 kHz, Vref = 5 V
89.5
VIN 0.4 dB below FS at 1 kHz, Vref = 5 V
116
SFDR
Spurious free dynamic range
VIN 0.4 dB below FS at 10 kHz, Vref = 5 V
109
dB
VIN 0.4 dB below FS at 100 kHz, Vref = 5 V
92
–3dB Small signal bandwidth
15
MHz
EXTERNAL REFERENCE INPUT
Vref
Input range
2.048
4.096
VDD+0.1
V
Reference input current (6)
During conversion
250
μA
POWER SUPPLY REQUIREMENTS
+VBD
2.375
3.3
5.5
V
Power supply
voltage
+VA
4.5
5
5.5
V
Supply current
+VA
500-kHz Sample rate
3.6
4.5
mA
PVA
Power dissipation
+VA = 5 V, 500-kHz Sample rate
18
22.5
mW
IVApd
Device power-down current(7)
+VA = 5 V
50
300
nA
LOGIC FAMILY CMOS
VIH
IIH = 5 μA
+(0.7
×VBD)
+VBD+0.3
V
VIL
IIL = 5 μA
–0.3
+(0.3
×VBD)
V
Logic level
VOH
IOH = 2 TTL loads
+VBD–0.3
+VBD
V
VOL
IOL = 2 TTL loads
0
0.4
V
TEMPERATURE RANGE
TA
Operating free-air temperature
–40
85
°C
(5)
Calculated on the first nine harmonics of the input frequency
(6)
Can vary
±20%
(7)
Device automatically enters power-down state at the end of every conversion, and continues to be in power-down state as long as it is
in acquistion phase.
4
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS8318


Similar Part No. - ADS8318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI-ADS8318 Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8318IBDGSR TI-ADS8318IBDGSR Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318IBDGST TI-ADS8318IBDGST Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318IBDRCR TI-ADS8318IBDRCR Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com