Electronic Components Datasheet Search |
|
K2000F23 Datasheet(PDF) 8 Page - Littelfuse |
|
K2000F23 Datasheet(HTML) 8 Page - Littelfuse |
8 / 12 page 346 Revised: 09/23/13 ©2013 Littelfuse, Inc Specifications are subject to change without notice. Teccor® brand Thyristors Standard Bidirectional SIDACs Kxxxzy Series Dimension Inches Millimeters Max Max Min Max A 0.176 0.196 4.47 4.98 B 0.500 12.70 D 0.095 0.105 2.41 2.67 E 0.150 3.81 F 0.046 0.054 1.16 1.37 G 0.135 0.145 3.43 3.68 H 0.088 0.096 2.23 2.44 J 0.176 0.186 4.47 4.73 K 0.088 0.096 2.23 2.44 L 0.013 0.019 0.33 0.48 M 0.013 0.017 0.33 0.43 N 0.060 1.52 Dimensions — TO-92 with Type 70 Lead Form A B MT2 MT1 E H G F D K J L M N Temperature Measuring Point Notes: 1. Type 70 lead form as shown is standard for the E package. 2. All leads are insulated from case. Case is electrically nonconductive (rated at 16000V ac rms for one minute from leads to case over the operating temperature range.) 3. Mold flash shall not exceed 0.13 mm per side. Product Selector Part Number Switching Voltage Range Blocking Voltage Packages V BO Minimum V BO Maximum V DRM DO-15 DO-214 TO-92 K0900y 79V 97V 70V K0900G K0900S K0900E70 K1050y 95V 113V 90V K1050G K1050S K1050E70 K1100y 104V 118V 90V K1100G K1100S K1100E70 K1200y 110V 125V 90V K1200G K1200S K1200E70 K1300y 120V 138V 90V K1300G K1300S K1300E70 K1400y 130V 146V 90V K1400G K1400S K1400E70 K1500y 140V 170V 90V K1500G K1500S K1500E70 K1800y 165V 195V 140V K1800S K2000y 190V 215V 180V K2000G K2000S K2000E70 K2002y 190V 215V 180V K2002G K2200y 205V 230V 180V K2200G K2200S K2200E70 K2202y 205V 230V 180V K2202G K2400y 220V 250V 190V K2400G K2400S K2400E70 K2402y 220V 250V 190V K2402G K2500y 240V 280V 200V K2500G K2500S K2500E70 K2502y 240V 280V 200V K2502G K3002y 270V 330V 200V K3002G Note: y = package |
Similar Part No. - K2000F23 |
|
Similar Description - K2000F23 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |