Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

420063A14 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 420063A14
Description  CONTROL KNOBS, MACHINED ALUMINUM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

420063A14 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  420063A14 Datasheet HTML 1Page - List of Unclassifed Manufacturers 420063A14 Datasheet HTML 2Page - List of Unclassifed Manufacturers 420063A14 Datasheet HTML 3Page - List of Unclassifed Manufacturers 420063A14 Datasheet HTML 4Page - List of Unclassifed Manufacturers 420063A14 Datasheet HTML 5Page - List of Unclassifed Manufacturers 420063A14 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
U
U6
APEM, 63 Neck Road, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
Notes: Dims. in inches & (millimeters).
Shaft size is last 3 digits of Model No.
KS SERIES
Solid aluminum with 3 flute design and line indicator on side and skirt
MODEL
COLOR
A
B
C
D
E
F
G
KS500A1/8
Natural
.500 (12.7)
.430 (10.9)
.380 (9.65)
.750 (19.0)
.630 (16.0)
.510 (12.9)
.430 (10.9)
KS500A1/4
Natural
.500 (12.7)
.430 (10.9)
.380 (9.65)
.750 (19.0)
.630 (16.0)
.510 (12.9)
.430 (10.9)
KS500B1/8
Black
.500 (12.7)
.430 (10.9)
.380 (9.65)
.750 (19.0)
.630 (16.0)
.510 (12.9)
.430 (10.9)
KS500B1/4
Black
.500 (12.7)
.430 (10.9)
.380 (9.65)
.750 (19.0)
.630 (16.0)
.510 (12.9)
.430 (10.9)
KS700A1/4
Natural
.750 (19.0)
.650 (16.5)
.590 (14.9)
1.12 (28.4)
.630 (16.0)
.510 (12.9)
.430 (10.9)
KS700B1/4
Black
.750 (19.0)
.650 (16.5)
.590 (14.9)
1.12 (28.4)
.630 (16.0)
.510 (12.9)
.430 (10.9)
KS900A1/4
Natural
.940 (23.9)
.820 (20.8)
.710 (18.0)
1.40 (35.6)
.630 (16.0)
.510 (12.9)
.430 (10.9)
KS900B1/4
Black
.940 (23.9)
.820 (20.8)
.710 (18.0)
1.40 (35.6)
.630 (16.0)
.510 (12.9)
.430 (10.9)


Similar Part No. - 420063A14

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42006-P921A MOLEX1-42006-P921A Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084") ContactDiameter, Vertical, PA Polyamide (Nylon) 6/6, Tin (Sn), White, 6 Circuits
42006-P921A MOLEX1-42006-P921A Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX Power Connector Receptacle
42006-P921A MOLEX1-42006-P921A Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084") Contact Diameter, Vertical, PCT Polyester, Tin (Sn), White, 4 Circuits
42006-P921A MOLEX1-42006-P921A Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084") Contact Diameter, Vertical, PCT Polyester, Tin (Sn), White, 15 Circuits
42006-P921A MOLEX1-42006-P921A Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084") Contact Diameter, Vertical, PCT Polyester, Tin (Sn), White, 3 Circuits
More results

Similar Description - 420063A14

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
KLNS500A1 MACOM-KLNS500A1 Datasheet
242Kb / 4P
   Knobs, Machined Aluminum
logo
List of Unclassifed Man...
450-2034-GRX ETC2-450-2034-GRX Datasheet
87Kb / 2P
   Control Knobs
45KN030 ETC1-45KN030 Datasheet
122Kb / 1P
   Aluminum Knobs
450-4660 ETC2-450-4660 Datasheet
80Kb / 1P
   Instrument Control Knobs
450-1425 ETC2-450-1425 Datasheet
125Kb / 1P
   Instrument Control Knobs
450-2518 ETC2-450-2518 Datasheet
90Kb / 1P
   Instrument Control Knobs
450-6015 ETC2-450-6015 Datasheet
122Kb / 1P
   Brushed Aluminum Knobs
450-3050 ETC2-450-3050 Datasheet
190Kb / 1P
   Slide Control Knobs
450-AE181 ETC2-450-AE181 Datasheet
201Kb / 2P
   Instrument Control Knobs
450-3618 ETC2-450-3618 Datasheet
132Kb / 1P
   Instrument Control Knobs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com