Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

420067A14 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 420067A14
Description  CONTROL KNOBS, MACHINED ALUMINUM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

420067A14 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  420067A14 Datasheet HTML 1Page - List of Unclassifed Manufacturers 420067A14 Datasheet HTML 2Page - List of Unclassifed Manufacturers 420067A14 Datasheet HTML 3Page - List of Unclassifed Manufacturers 420067A14 Datasheet HTML 4Page - List of Unclassifed Manufacturers 420067A14 Datasheet HTML 5Page - List of Unclassifed Manufacturers 420067A14 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
U
U2
APEM, 63 Neck Road, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
42004 SERIES
Straight knurl with plastic insert and line indicator on top
42005 SERIES
Solid aluminum with straight knurl and arrowhead indicator on top
42006 SERIES
Straight knurl with plastic insert and line indicator on top and side
42007 SERIES
Serrated diamond trim with plastic insert and dot indicator on top
Notes: Dims. in inches & (millimeters).
Shaft size is last 3 digits of Model No.
MODEL (Color-natural)
MODEL (Color-black)
ABC
D
E
F
G
420041A1/8*
420041B1/8*
.500 (12.7)
.480 (12.2)
.378 (9.6)
.480 (12.2)
.788 (20)
.520 (13.2)
.453 (11.5)
420041A1/4*
420041B1/4*
.500 (12.7)
.480 (12.2)
.378 (9.6)
.480 (12.2)
.788 (20)
.520 (13.2)
.453 (11.5)
420043A1/4
420043B1/4
.748 (19.0)
.728 (18.5)
.524 (13.3)
.728 (18.5)
.788 (20)
.520 (13.2)
.453 (11.5)
420045A1/4
420045B1/4
.929 (23.6)
.870 (22.1)
.720 (18.3)
.870 (22.1)
.788 (20)
.520 (13.2)
.453 (11.5)
MODEL (Color-natural) MODEL (Color-black)
A
B
CDE
F
G
420051A1/8*
420051B1/8*
.500 (12.7)
.480(12.2)
.378 (9.6)
.480 (12.2)
.638 (16.2)
.520 (13.2)
.453 (11.5)
420051A1/4*
420051B1/4*
.500 (12.7)
.480 (12.2)
.378 (9.6)
.480 (12.2)
.638 (16.2)
.520 (13.2)
.453 (11.5)
420053A1/4
420053B1/4
.748 (19.0)
.728 (18.5)
.524 (13.3)
.728 (18.5)
.638 (16.2)
.520 (13.2)
.453 (11.5)
420055A1/4
420055B1/4
.929 (23.6)
.870 (23.2)
.720 (18.3)
.870 (23.2)
.638 (16.2)
.520 (13.2)
.453 (11.5)
MODEL (Color-natural)
MODEL (Color-black)
A
B
CDE
F
G
420061A1/8*
420061B1/8*
.500 (12.7)
.480 (12.2)
.378 (9.6)
.280 (7.1)
.638 (16.2)
.520 (13.2)
.524 (13.3)
420061A1/4*
420061B1/4*
.500 (12.7)
.480 (12.2)
.378 (9.6)
.280 (7.1)
.638 (16.2)
.520 (13.2)
.524 (13.3)
420063A1/4
420063B1/4
.748 (19.0)
.728 (18.5)
.524 (13.3)
.280 (7.1)
.638 (16.2)
.520 (13.2)
.524 (13.3)
420065A1/4
420065B1/4
.940 (23.9)
.870 (23.2)
.720 (18.3)
.280 (7.1)
.638 (16.2)
.520(13.2)
.524 (13.3)
420067A1/4
420067B1/4
1.248 (31.7)
1.220 (31.0)
1.030 (26.2)
.280 (7.1)
.638 (16.2)
.512 (130)
.531 (13.5)
MODEL (Color-natural)
MODEL (Color-black)
A
B
C
D
E
F
G
420071A1/8*
420071B1/8*
.370 (9.4)
.268 (6.8)
.276 (7.0)
.091 (2.3)
.200 (5.1)
.240 (6.1)
.300 (7.6)
420072A1/8*
420072B1/8*
.370 (9.4)
.268 (6.8)
.276 (7.0)
.091 (2.3)
.200 (5.1)
.358 (9.1)
.449 (11.4)
420072A1/4*
420072B1/4*
.370 (9.4)
.268 (6.8)
.276 (7.0)
.091 (2.3)
.200 (5.1)
.358 (9.1)
.449 (11.4)
420073A1/8*
420073B1/8*
.492 (12.5)
.386 (9.8)
.380 (9.7)
.120 (3.1)
.280 (7.1)
.512 (13.0)
.598 (15.2)
420073A1/4*
420073B1/4*
.492 (12.5)
.386 (9.8)
.380 (9.7)
.120 (3.1)
.280 (7.1)
.512 (13.0)
.598 (15.2)
420074A1/4
420074B1/4
.748 (19.0)
.650 (16.5)
.587 (14.9)
.120 (3.1)
.280 (7.1)
.512 (13.0)
.598 (15.2)
* indicates solid
aluminum knob
* indicates solid
aluminum knob
* indicates solid
aluminum knob
* indicates solid aluminum knob
Note: 420041A1/8 & 420041A1/4 have only one set screw.
Note: 420051A1/8 & 420051A1/4 have only one set screw.
Note: 420061A1/8 & 420061A1/4 have only one set screw.
Note: 420071A1/8 & 420072A1/8 have only one set screw.
* indicates solid
aluminum knob


Similar Part No. - 420067A14

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42006-P921A MOLEX1-42006-P921A Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084") ContactDiameter, Vertical, PA Polyamide (Nylon) 6/6, Tin (Sn), White, 6 Circuits
42006-P921A MOLEX1-42006-P921A Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX Power Connector Receptacle
42006-P921A MOLEX1-42006-P921A Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084") Contact Diameter, Vertical, PCT Polyester, Tin (Sn), White, 4 Circuits
42006-P921A MOLEX1-42006-P921A Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084") Contact Diameter, Vertical, PCT Polyester, Tin (Sn), White, 15 Circuits
42006-P921A MOLEX1-42006-P921A Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084") Contact Diameter, Vertical, PCT Polyester, Tin (Sn), White, 3 Circuits
More results

Similar Description - 420067A14

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
KLNS500A1 MACOM-KLNS500A1 Datasheet
242Kb / 4P
   Knobs, Machined Aluminum
logo
List of Unclassifed Man...
450-2034-GRX ETC2-450-2034-GRX Datasheet
87Kb / 2P
   Control Knobs
45KN030 ETC1-45KN030 Datasheet
122Kb / 1P
   Aluminum Knobs
450-4660 ETC2-450-4660 Datasheet
80Kb / 1P
   Instrument Control Knobs
450-1425 ETC2-450-1425 Datasheet
125Kb / 1P
   Instrument Control Knobs
450-2518 ETC2-450-2518 Datasheet
90Kb / 1P
   Instrument Control Knobs
450-6015 ETC2-450-6015 Datasheet
122Kb / 1P
   Brushed Aluminum Knobs
450-3050 ETC2-450-3050 Datasheet
190Kb / 1P
   Slide Control Knobs
450-AE181 ETC2-450-AE181 Datasheet
201Kb / 2P
   Instrument Control Knobs
450-3618 ETC2-450-3618 Datasheet
132Kb / 1P
   Instrument Control Knobs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com