Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSA1015OBU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSA1015OBU
Description  PNP Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSA1015OBU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSA1015OBU Datasheet HTML 1Page - Fairchild Semiconductor KSA1015OBU Datasheet HTML 2Page - Fairchild Semiconductor KSA1015OBU Datasheet HTML 3Page - Fairchild Semiconductor KSA1015OBU Datasheet HTML 4Page - Fairchild Semiconductor KSA1015OBU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSA1015 Rev. 1.1.2
2
Thermal Characteristics(1)
Values are at TA = 25°C unless otherwise noted.
Note:
1. PCB size: FR-4 76 x 114 x 1.57 mm3 (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
hFE Classification
Symbol
Parameter
Max.
Unit
PD
Total Device Dissipation
400
mW
Derate Above 25
°C3.2
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
312
°C/W
Symbol
Parameter
Conditions
Min.
Typ. Max.
Unit
BVCBO
Collector-Base Breakdown Voltage
IC = -100 μA, IE = 0
-50
V
BVCEO
Collector-Emitter Breakdown Voltage
IC = -10 mA, IB = 0
-50
V
BVEBO
Emitter-Base Breakdown Voltage
IE = -10 μA, IC = 0
-5
V
ICBO
Collector Cut-Off Current
VCB = -50 V, IE = 0
-0.1
μA
IEBO
Emitter Cut-Off Current
VEB = -5 V, IC = 0
-0.1
μA
hFE1
DC Current Gain
VCE = -6 V, IC = -2 mA
70
400
hFE2
DC Current Gain
VCE = -6 V, IC = -150 mA
25
VCE(sat)
Collector-Emitter Saturation Voltage
IC = -100 mA, IB = -10 mA
-0.1
-0.3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = -100 mA, IB = -10 mA
-1.1
V
fT
Current Gain Bandwidth Product
VCE = -10 V, IC = -1 mA
80
MHz
Cob
Output Capacitance
VCB = -10 V, IE = 0,
f = 1 MHz
47
pF
NF
Noise Figure
VCE = -6 V, IC = -0.1 mA,
f = 100 Hz, RG = 10 kΩ
0.5
6
dB
Classification
O
Y
GR
hFE1
70 ~ 140
120 ~ 240
200 ~ 400


Similar Part No. - KSA1015OBU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1015O FAIRCHILD-KSA1015O Datasheet
42Kb / 4P
   LOW FREQUENCY AMPLIFIER
More results

Similar Description - KSA1015OBU

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com