Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1210Y4PAGR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1210Y4PAGR
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1210Y4PAGR Datasheet(HTML) 4 Page - Texas Instruments

  MSC1210Y4PAGR Datasheet HTML 1Page - Texas Instruments MSC1210Y4PAGR Datasheet HTML 2Page - Texas Instruments MSC1210Y4PAGR Datasheet HTML 3Page - Texas Instruments MSC1210Y4PAGR Datasheet HTML 4Page - Texas Instruments MSC1210Y4PAGR Datasheet HTML 5Page - Texas Instruments MSC1210Y4PAGR Datasheet HTML 6Page - Texas Instruments MSC1210Y4PAGR Datasheet HTML 7Page - Texas Instruments MSC1210Y4PAGR Datasheet HTML 8Page - Texas Instruments MSC1210Y4PAGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
MSC1210
SBAS203J − MARCH 2002 − REVISED JANUARY 2008
www.ti.com
4
ELECTRICAL CHARACTERISTICS: AVDD = 5V (continued)
All specifications from TMIN to TMAX, DVDD = +2.7V to 5.25V, fMOD = 15.625kHz, PGA = 1, Buffer ON, fDATA = 10Hz, Bipolar, and VREF ≡ (REF IN+) − (REF IN−) = +2.5V,
unless otherwise noted.
MSC1210Yx
PARAMETER
UNITS
MAX
TYP
MIN
CONDITIONS
Voltage Reference Input
Reference Input Range
REF IN+, REF IN−
AGND
AVDD(2)
V
VREF
VREF ≡ (REF IN+) − (REF IN−)
0.1
2.5
AVDD
V
VREF Common-Mode Rejection
At DC
130
dB
VREF Common-Mode Rejection
fCM = 60Hz, fDATA = 60Hz
120
dB
Input Current(4)
VREF = 2.5V
3
µA
On-Chip Voltage Reference
Output Voltage
VREFH = 1 at +25
°C, ACLK = 1MHz
2.495
2.5
2.505
V
Output Voltage
VREFH = 0 at +25
°C, ACLK = 1MHz
1.25
V
Power-Supply Rejection Ratio
65
dB
Short-Circuit Current Source
8
mA
Short-Circuit Current Sink
50
µA
Short-Circuit Duration
Sink or Source
Indefinite
Drift
5
ppm/
°C
Output Impedance
Sourcing 100
µA
3
Startup Time from Power On
CREF = 0.1µF
8
ms
Temperature Sensor Voltage
T = +25
°C
115
mV
Temperature Sensor Coefficient
375
µV/°C
Analog Power-Supply Requirements
Analog Power-Supply Voltage
AVDD
4.75
5.0
5.25
V
Analog Current
(IADC + IVREF)
PDADC = 1, ALVDIS = 1, DAB = 1
< 1
nA
PGA = 1, Buffer OFF
200
µA
Analog
Power-Supply
ADC Current
PGA = 128, Buffer OFF
500
µA
Power-Supply
Current
ADC Current
(IADC)
PGA = 1, Buffer ON
240
µA
Current
ADC
PGA = 128, Buffer ON
850
µA
VREF Supply Current
(IVREF)
ADC ON, VREF = 2.5V
250
µA
(1)
Calibration can minimize these errors.
(2)
The self-gain calibration cannot have a REF IN+ of more than
AVDD −1.5V with Buffer ON. To calibrate gain, turn Buffer OFF.
(3)
VOUT is change in digital result.
(4)
9pF switched capacitor at
fSAMP clock frequency (see Figure 14).
(5)
The input impedance for PGA = 128 is the same as that for PGA = 64 (that is, 7M
Ω/64).


Similar Part No. - MSC1210Y4PAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1210Y4PAGR TI-MSC1210Y4PAGR Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1210Y4PAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
logo
SINOWEALTH Electronic L...
SH88F516 SINOWEALTH-SH88F516 Datasheet
1Mb / 105P
   8051 Microcontroller with 10bit ADC
V2.5
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com