Electronic Components Datasheet Search |
|
MSC1210Y5PAGR Datasheet(PDF) 7 Page - Texas Instruments |
|
|
MSC1210Y5PAGR Datasheet(HTML) 7 Page - Texas Instruments |
7 / 95 page MSC1210 SBAS203J − MARCH 2002 − REVISED JANUARY 2008 www.ti.com 7 DIGITAL CHARACTERISTICS: DVDD = 2.7V to 5.25V All specifications from TMIN to TMAX, fOSC = 1MHz, unless otherwise specified. MSC1210Yx PARAMETER CONDITIONS MIN TYP MAX UNITS DIGITAL POWER-SUPPLY REQUIREMENTS Digital Power-Supply Voltage DVDD 2.7 3.0 3.6 V Normal Mode, fOSC = 1MHz 1.4 1.6 mA Normal Mode, fOSC = 8MHz 8 9 mA Stop Mode(1) 0.5 µA Digital Power-Supply Current DVDD 4.75 5.0 5.25 V Digital Power-Supply Current Normal Mode, fOSC = 1MHz 2 2.2 mA Normal Mode, fOSC = 8MHz 17 18 mA Stop Mode(1) 0.5 µA DIGITAL INPUT/OUTPUT (CMOS) Logic Level VIH (except XIN pin) 0.6 • DVDD DVDD V Logic Level VIL (except XIN pin) DGND 0.2 • DVDD V I/O Pin Hysteresis 700 mV Ports 0−3, Input Leakage Current, Input Mode VIH = DVDD or VIH = 0V < 1 pA Pins EA, XIN Input Leakage Current < 1 pA VOL, ALE, PSEN, Ports 0−3, All Output Modes IOL = 1mA DGND 0.4 V VOL, ALE, PSEN, Ports 0−3, All Output Modes IOL = 30mA 1.5 V VOH, ALE, PSEN, Ports 0−3, Strong Drive Output IOH = 1mA DVDD − 0.4 DVDD − 0.1 DVDD V VOH, ALE, PSEN, Ports 0−3, Strong Drive Output IOH = 30mA DVDD − 1.5 V Ports 0−3, Pull-Up Resistors 9 k Ω Pins ALE, PSEN, Pull-Up Resistors Flash Programming Mode Only 9 k Ω Pin RST, Pull-Down Resistor 500 k Ω (1) Digital Brownout Detect disabled (HCR1.2 = 1), Low Voltage Detect disabled (LVDCON.3 =1). Ports configured for CMOS output low. If in External Oscillation mode, the oscillator must be disabled. FLASH MEMORY CHARACTERISTICS: DVDD = 2.7V to 5.25V MSC1210Yx PARAMETER CONDITIONS MIN TYP MAX UNITS Flash Memory Endurance 100,000 1,000,000 cycles Flash Memory Data Retention 100 years Mass and Page Erase Time Set with FER in FTCON 10 ms Flash Memory Write Time Set with FWR in FTCON 30 40 µs Flash Programming Current DVDD = 3.0V 10 mA Flash Programming Current DVDD = 5.0V 25 mA |
Similar Part No. - MSC1210Y5PAGR |
|
Similar Description - MSC1210Y5PAGR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |