Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI854 Datasheet(PDF) 1 Page - General Semiconductor

Part # GI854
Description  FAST SWITCHING PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GI854 Datasheet(HTML) 1 Page - General Semiconductor

  GI854 Datasheet HTML 1Page - General Semiconductor GI854 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GI850 THRU GI858
FAST SWITCHING PLASTIC RECTIFIER
Reverse Voltage - 50 to 800 Volts
Forward Current - 3.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ High surge current capability
♦ Fast switching for high efficiency
♦ Construction utilizes void-free molded plastic technique
♦ High forward current operation
♦ High temperature soldering guaranteed:
250°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-201AD molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.04 ounce, 1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
GI850
GI851
GI852
GI854
GI856
GI858
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
510
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
Volts
Maximum non-repetitive peak reverse voltage
VRSM
75
150
250
450
650
880
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=90°C
I(AV)
3.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100.0
Amps
Maximum instantaneous forward voltage at:
3.0A
VF
1.25
Volts
9.4A, TJ=175°C
1.10
Maximum DC reverse current
TA=25°C
10.0
at rated DC blocking voltage
TA=100°C
IR
150
150
200
250
300
500
µA
Typical junction capacitance (NOTE 1)
CJ
28.0
pF
Maximum reverse recovery time (NOTE 2)
trr
200.0
ns
Maximum reverse recovery current (NOTE 2)
IRM(REC)
2.0
Amps
Typical thermal resistance (NOTE 3)
R
ΘJA
22.0
R
ΘJL
8.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-50 to +150
°C
NOTES:
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Reverse recovery test conditions: IF=1.0A, VR=30V, di/dt=50A/
µs, and Irr=10% IRM for measurement of trr
(3) Thermal resistance from junction to ambient and from junction to lead at 0.375” (9.5mm) lead length,
with both leads equally heat sink
4/98
0.210 (5.3)
0.190 (4.8)
DIA.
0.052 (1.32)
0.048 (1.22)
DIA.
1.0 (25.4)
MIN.
0.375 (9.5)
0.285 (7.2)
1.0 (25.4)
MIN.
DO-201AD
Dimensions in inches and (millimeters)


Similar Part No. - GI854

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GI854 VISHAY-GI854 Datasheet
70Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 10-Nov-09
GI854 VISHAY-GI854 Datasheet
80Kb / 4P
   Fast Switching Plastic Rectifier
01-Jan-2022
More results

Similar Description - GI854

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
   Fast Switching Plastic Rectifier
01-Jan-2022
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
PS300R PANJIT-PS300R_09 Datasheet
67Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
GI820 VISHAY-GI820 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BA159-E3 VISHAY-BA159-E3 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 24-Jul-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com