Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84-B36 Datasheet(PDF) 3 Page - General Semiconductor

Part # BZX84-B36
Description  Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BZX84-B36 Datasheet(HTML) 3 Page - General Semiconductor

  BZX84-B36 Datasheet HTML 1Page - General Semiconductor BZX84-B36 Datasheet HTML 2Page - General Semiconductor BZX84-B36 Datasheet HTML 3Page - General Semiconductor BZX84-B36 Datasheet HTML 4Page - General Semiconductor BZX84-B36 Datasheet HTML 5Page - General Semiconductor BZX84-B36 Datasheet HTML 6Page - General Semiconductor BZX84-B36 Datasheet HTML 7Page - General Semiconductor BZX84-B36 Datasheet HTML 8Page - General Semiconductor BZX84-B36 Datasheet HTML 9Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Type
± 2% Tol.
BZX84 Series
Zener Diodes
BZX84-C2V4
2.20
2.60
5
BZX84-C2V7
2.50
2.90
5
BZX84-C3
2.80
3.20
5
BZX84-C3V3
3.10
3.50
5
BZX84-C3V6
3.40
3.80
5
BZX84-C3V9
3.70
4.10
5
BZX84-C4V3
4.00
4.60
5
BZX84-C4V7
4.40
5.00
5
BZX84-C5V1
4.80
5.40
5
BZX84-C5V6
5.20
6.00
5
BZX84-C6V2
5.80
6.60
5
BZX84-C6V8
6.40
7.20
5
BZX84-C7V5
7.00
7.90
5
BZX84-C8V2
7.70
8.70
5
BZX84-C9V1
8.50
9.60
5
BZX84-C10
9.4
10.6
5
BZX84-C11
10.4
11.6
5
BZX84-C12
11.4
12.7
5
BZX84-C13
12.4
14.1
5
BZX84-C15
13.8
15.6
5
BZX84-C16
15.3
17.1
5
BZX84-C18
16.8
19.1
5
BZX84-C20
18.8
21.2
5
BZX84-C22
20.8
23.3
5
BZX84-C24
22.8
25.6
5
BZX84-C27
25.1
28.9
2
BZX84-C30
28.0
32.0
2
BZX84-C33
31.0
35.0
2
BZX84-C36
34.0
38.0
2
BZX84-C39
37.0
41.0
2
BZX84-C43
40.0
46.0
2
BZX84-C47
44.0
50.0
2
BZX84-C51
48.0
54.0
2
BZX84-C56
52.0
60.0
2
BZX84-C62
58.0
66.0
2
BZX84-C68
64.0
72.0
2
BZX84-C75
70.0
79.0
2
BZX84-B2V4
2.35
2.45
5
BZX84-B2V7
2.65
2.75
5
BZX84-B3
2.94
3.06
5
BZX84-B3V3
3.23
3.37
5
BZX84-B3V6
3.53
3.67
5
BZX84-B3V9
3.82
3.98
5
BZX84-B4V3
4.21
4.39
5
BZX84-B4V7
4.61
4.79
5
BZX84-B5V1
5.00
5.20
5
BZX84-B5V6
5.49
5.71
5
BZX84-B6V2
6.08
6.32
5
BZX84-B6V8
6.66
6.94
5
BZX84-B7V5
7.35
7.65
5
BZX84-B8V2
8.04
8.36
5
BZX84-B9V1
8.92
9.28
5
BZX84-B10
9.80
10.2
5
BZX84-B11
10.8
11.2
5
BZX84-B12
11.8
12.2
5
BZX84-B13
12.7
13.3
5
BZX84-B15
14.7
15.3
5
BZX84-B16
15.7
16.3
5
BZX84-B18
17.6
18.4
5
BZX84-B20
19.6
20.4
5
BZX84-B22
21.6
22.4
5
BZX84-B24
23.5
24.5
5
BZX84-B27
26.5
27.5
2
BZX84-B30
29.4
30.6
2
BZX84-B33
32.3
33.7
2
BZX84-B36
35.3
36.7
2
BZX84-B39
38.2
39.8
2
BZX84-B43
42.1
43.9
2
BZX84-B47
46.1
47.9
2
BZX84-B51
50.0
52.0
2
BZX84-B56
54.9
46.9
2
BZX84-B62
60.8
63.2
2
BZX84-B68
66.6
69.4
2
BZX84-B75
73.5
76.5
2
Type
± 5% Tol.
Zener Voltage
range(1) at IZT1
VZ (V)
min.
max.
Test Current
IZT1 (mA)
Zener Voltage
range(1) at IZT1
VZ (V)
min.
max.
Test Current
IZT1 (mA)
Notes: (1) Measured with pulses tp = 5 ms
Electrical Characteristics (TA = 25°C unless otherwise noted) Maximum VF = 0.9V at IF = 10mA


Similar Part No. - BZX84-B36

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84-B36 PHILIPS-BZX84-B36 Datasheet
63Kb / 12P
   Voltage regulator diodes
2003 Apr 10
logo
DAESAN ELECTRONIC CORP.
BZX84-B36 DAESAN-BZX84-B36 Datasheet
373Kb / 3P
   300mW SOT-23 ZENER DIODES
logo
NXP Semiconductors
BZX84-B36 NXP-BZX84-B36 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-B36 NXP-BZX84-B36 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-B36 PHILIPS-BZX84-B36 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
More results

Similar Description - BZX84-B36

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com