Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2501L-3 Datasheet(PDF) 7 Page - celduc-relais

Part # PS2501L-3
Description  HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

PS2501L-3 Datasheet(HTML) 7 Page - celduc-relais

Back Button PS2501L-3 Datasheet HTML 3Page - celduc-relais PS2501L-3 Datasheet HTML 4Page - celduc-relais PS2501L-3 Datasheet HTML 5Page - celduc-relais PS2501L-3 Datasheet HTML 6Page - celduc-relais PS2501L-3 Datasheet HTML 7Page - celduc-relais PS2501L-3 Datasheet HTML 8Page - celduc-relais PS2501L-3 Datasheet HTML 9Page - celduc-relais PS2501L-3 Datasheet HTML 10Page - celduc-relais PS2501L-3 Datasheet HTML 11Page - celduc-relais Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PS2501-1,-4,PS2501L-1,-4
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = 25
°C)
150
100
50
025
50
75
100
125
150
1.5 mW/
°C
1.2 mW/
°C
150
100
50
25
50
100
125
0
150
10 000
100
1 000
100
10
1
75
50
25
0
–25
–50
VCE = 80 V
10
0.8
0.6
0.4
0.2
0
1.0
5
1
0.5
0.1
10 mA
40
1.5 mW/
°C
1.2 mW/
°C
20 mA
50 mA
IF = 1 mA
2 mA
5 mA
40 V
24 V
10 V
5 V
PS2501-1
PS2501L-1
PS2501-4
PS2501L-4
PS2501-1
PS2501L-1
PS2501-4
PS2501L-4
100
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
50
10
5
1
0.5
0.1
+60
°C
+25
°C
TA = +100
°C
Ambient Temperature TA (
°C)
Forward Voltage VF (V)
Collector Saturation Voltage VCE (sat) (V)
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
FORWARD CURRENT vs.
FORWARD VOLTAGE
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
75
70
2
60
50
40
30
20
10
0
4
6
810
20
mA
IF = 5 mA
10
mA
50
mA
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0
°C
–25
°C
–50
°C
Remark
The graphs indicate nominal characteristics.
7
Data Sheet PN10225EJ05V0DS


Similar Part No. - PS2501L-3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2501L-1 NEC-PS2501L-1 Datasheet
109Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501L-1 CEL-PS2501L-1 Datasheet
452Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2501L-1 NEC-PS2501L-1 Datasheet
126Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2501L-1 RENESAS-PS2501L-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501L-1 CEL-PS2501L-1 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2501L-3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561A-1 CEL-PS2561A-1_13 Datasheet
950Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2501L-1-L ETC2-PS2501L-1-L Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501A-1 ETC1-PS2501A-1 Datasheet
371Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501A-1 CEL-PS2501A-1 Datasheet
233Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2501-1 NEC-PS2501-1_1 Datasheet
126Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501-1 CEL-PS2501-1 Datasheet
452Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com