Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRS12-2DP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PRS12-2DP
Description  Cylindrical Type Proximity Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PRS12-2DP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PRS12-2DP Datasheet HTML 1Page - List of Unclassifed Manufacturers PRS12-2DP Datasheet HTML 2Page - List of Unclassifed Manufacturers PRS12-2DP Datasheet HTML 3Page - List of Unclassifed Manufacturers PRS12-2DP Datasheet HTML 4Page - List of Unclassifed Manufacturers PRS12-2DP Datasheet HTML 5Page - List of Unclassifed Manufacturers PRS12-2DP Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
B048
;fZX\S_XRPZ Lf^T H_]eX[Xaf KT\`]_
3220462R?A
3220462R?A
GML1
GML0
H90/,M
AF 0
AF 1
HGO=J
i;]\a_]Z ]ba^ba SXPV_P[
h<; 2,dX_T af^T
h9; 1,dX_T af^T
h<; 1,dX_T af^T
i;]\\TRaX]\`
h<; 2,dX_T af^T
h9; 1,dX_T af^T
e
IeX[
h<; 1,dX_T af^T
.R
2R
IeX[
.R
2R
]:GD KN@C B@M AD BNMMDBSDC SN DHSGDQ VHQDq
]:GD KN@C B@M AD BNMMDBSDC SN DHSGDQ VHQDq
e
,MN3:07BK-
,MN3:07BK-
= M?320Q >
K9
AFN
AFN
9F<
K:
K;
K<
L0
L1
G
Fy
G
Fy
FGJE
GJy
E
G
<
=
G
>
>
G
>
>
LAE=
9
<
B
E9<= AF CGJ=9
FGJE
FGJE
.34
EKB
GK3
LqA
LQP3
.34
GK4
LqA
LQP4
35
36
37
38
;32
33
34
EKB
KA
ALJ
KL
789
:
34
5
6
0/ 00 01 02 03
Zf3 Zf4 .34R 2R
78
01 2 3 4 56
= DT6 >
3220462R?A
g
.R
@hemd
@bXZa
@bk\
2R
32H
4v
IeX[
K1L1
K1A1
Mh\i\dZ\
Ked\
Lf\hXj`ed
N\jkhd
F
I
LK
LDD
O\di`d^
jXh^\j
IeX[
,@hemd0@bXZa-
cd[`ZXjeh
,ICB-
Lkjfkj lebjX^\
,@bXZa0@bk\-
FHF ]ba^ba af^T
.R
IeX[
2R
32H
4v
@hemd
@bXZa
@bk\
K1L1
K1A1
Mh\i\dZ\
Ked\
Lf\hXj`ed
N\jkhd
F
I
LK
LDD
O\di`d^
jXh^\j
IeX[
,@bXZa0@bk\-
cd[`ZXjeh
,ICB-
Lkjfkj lebjX^\
,@bXZa0@bk\-
HFH ]ba^ba af^T
@hemd @bk\ @bXZa
@hemd
@bk\
@hemd
@bk\
@bk\
@hemd
@bXZa
@hemd
@bk\
IeX[
IeX[
@hemd
@bk\
K1L1
K1A1
.R
2R
@hemd
@bk\
IeX[
Mh\i\dZ\
Ked\
Lf\hXj`ed
N\jkhd
LK
LDD
O\di`d^
jXh^\j
IeX[
cd[`ZXjeh
,ICB-
?A
MLSCN
IeX[
p
@hemd
@bk\
K1L1
K1A1
Mh\i\dZ\
Ked\
Lf\hXj`ed
N\jkhd
LK
LDD
O\di`d^
jXh^\j
IeX[
cd[`ZXjeh
,ICB-
~:*
>XQT_
]^aXR
`T\`]_
~G*
KT\`]_
R]\a_]ZZT_
~=*
H_T``b_T
`T\`]_
~>*
J]aP_f
T\R]ST_
~F*
<X`^ZPf
b\Xa
~A*
KKJ.
H]dT_
R]\a_]ZZT_
~H*
KdXaRWX\V
^]dT_
`b^^Zf
~<*
H_]eX[Xaf
`T\`]_
~I*
KaT^^X\V
[]a]_ }
<_XcT_ }
;]\a_]ZZT_
~J*
?_P^WXR.
D]VXR
^P\TZ
~E*
LPRW].
K^TTS.
HbZ`T
[TaT_
~D*
HP\TZ
[TaT_
~9*
HW]a]
TZTRa_XR
`T\`]_
~K*
>XTZS
\Tad]_Y
STcXRT
~;*
<]]_.9_TP
`T\`]_
~?*
;]\\TRa]_.
K]RYTa
~@*
LT[^-
R]\a_]ZZT_
~B*
;]b\aT_
~C*
LX[T_
~L*
H_]SbRaX]\
`a]^^PVT
[]STZ` }
_T^ZPRT[T\a


Similar Part No. - PRS12-2DP

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PRS12R BOURNS-PRS12R Datasheet
678Kb / 3P
   PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
PRS12R-2015F-103B1 BOURNS-PRS12R-2015F-103B1 Datasheet
678Kb / 3P
   PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
PRS12R-2015K-103B1 BOURNS-PRS12R-2015K-103B1 Datasheet
678Kb / 3P
   PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
PRS12R-2015S-103B1 BOURNS-PRS12R-2015S-103B1 Datasheet
678Kb / 3P
   PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
PRS12R-2020F-103B1 BOURNS-PRS12R-2020F-103B1 Datasheet
678Kb / 3P
   PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
More results

Similar Description - PRS12-2DP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR12-4DP ETC2-PR12-4DP Datasheet
136Kb / 6P
   Cylindrical Type proximity Sensor
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
Omron Electronics LLC
E2A-M30LN30 OMRON-E2A-M30LN30 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com