Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7870EA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7870EA
Description  12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7870EA Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7870EA Datasheet HTML 4Page - Texas Instruments ADS7870EA Datasheet HTML 5Page - Texas Instruments ADS7870EA Datasheet HTML 6Page - Texas Instruments ADS7870EA Datasheet HTML 7Page - Texas Instruments ADS7870EA Datasheet HTML 8Page - Texas Instruments ADS7870EA Datasheet HTML 9Page - Texas Instruments ADS7870EA Datasheet HTML 10Page - Texas Instruments ADS7870EA Datasheet HTML 11Page - Texas Instruments ADS7870EA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
ADS7870
SBAS124C − DECEMBER 1999 − REVISED DECEMBER 2005
www.ti.com
8
Figure 5
0
−0.5
−1
−2
0
0.5
1
1.5
2
2.5
3
1
1.5
Common-Mode Voltage − V
OUTPUT OFFSET ERROR
vs
COMMON-MODE VOLTAGE
2
3.5
4
4.5
5
0.5
−1.5
Gain = 1
Gain = 20
Gain = 10
1 LSB =
−72 dB for Gain = 1,
−98 dB for Gain = 20
Figure 6
4
3
1
−1
2
2.5
3
3.5
4
4.5
5
6
7
OUTPUT OFFSET ERROR
vs
POWER SUPPLY VOLTAGE
8
5.5
6
5
2
0
VDD − Supply Voltage − V
Gain = 20
Gain = 10
Gain = 1
4 LSB =
86 dB for Gain = 20,
60 dB for Gain = 1
50 Ksps, CCLK = 2.5 MHz,
VREF = 2.048 V
Figure 7
0.8
0.6
0.2
0
110
1
1.2
Sampling Rate − ksps
QUIESCENT CURRENT
vs
SAMPLING RATE
1.4
100
0.4
VDD = 3 V
VDD = 5 V
VREF and Buffer ON, Oscillator OFF
Serial Data Clocked During the 48 Clock
Count Conversion Cycle, CCLK = SCLK
Figure 8
3
2
1
0
1
245
8
10
16
4
5
Gain
PEAK-TO-PEAK OUTPUT NOISE
vs
GAIN
6
20


Similar Part No. - ADS7870EA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7870EA BURR-BROWN-ADS7870EA Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Texas Instruments
ADS7870EA TI1-ADS7870EA Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870EA/1K TI1-ADS7870EA/1K Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870EA/1KG4 TI1-ADS7870EA/1KG4 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7870EAG4 TI1-ADS7870EAG4 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
More results

Similar Description - ADS7870EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871 TI-ADS7871 Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871 TI1-ADS7871 Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
ADS1250 BURR-BROWN-ADS1250 Datasheet
196Kb / 20P
   20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com