Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7870EAG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7870EAG4
Description  12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7870EAG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7870EAG4 Datasheet HTML 3Page - Texas Instruments ADS7870EAG4 Datasheet HTML 4Page - Texas Instruments ADS7870EAG4 Datasheet HTML 5Page - Texas Instruments ADS7870EAG4 Datasheet HTML 6Page - Texas Instruments ADS7870EAG4 Datasheet HTML 7Page - Texas Instruments ADS7870EAG4 Datasheet HTML 8Page - Texas Instruments ADS7870EAG4 Datasheet HTML 9Page - Texas Instruments ADS7870EAG4 Datasheet HTML 10Page - Texas Instruments ADS7870EAG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
ADS7870
SBAS124C − DECEMBER 1999 − REVISED DECEMBER 2005
www.ti.com
7
TYPICAL PERFORMANCE CURVES
Figure 1
0
−5
−10
−60 −40 −20
0
20
40
60
5
10
GAIN ERROR
vs
FREE-AIR TEMPERATURE
15
80
100 120 140
TA − Free-Air Temperature − °C
Gain = 20
Gain = 8
Gain = 1
Figure 2
4
2
−2
−4
−60 −40 −20
0
20
40
60
6
8
OUTPUT OFFSET ERROR
vs
FREE-AIR TEMPERATURE
10
80
100 120 140
0
TA − Free-Air Temperature − °C
Gain = 20
Gain = 8
Gain = 1
Figure 3
−0.2
−0.4
−0.8
−1
−60 −40 −20
0
20
40
60
0
0.2
VOLTAGE REFERENCE ERROR
vs
FREE-AIR TEMPERATURE
0.4
80
100 120 140
−0.6
TA − Free-Air Temperature − °C
3 Sigma
VREF
−3 Sigma
VREF = 2.048 V or 2.5 V
Figure 4
TA − Free-Air Temperature − °C
2.40
2.35
2.25
2.20
−60 −40 −20
0
20
40
60
2.45
2.50
INTERNAL OSCILLATOR FREQUENCY
vs
FREE-AIR TEMPERATURE
2.55
80 100 120 140
2.30
3 Sigma
Avg
−3 Sigma
† At TA= 25°C, VDD = 5 V, VREF = 2.5 V connected to BUFIN (using internal reference), 2.5 MHz CCLK, and 2.5 MHz SCLK (unless otherwise noted)


Similar Part No. - ADS7870EAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7870EAG4 TI1-ADS7870EAG4 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
More results

Similar Description - ADS7870EAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
[Old version datasheet]   12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871 TI-ADS7871 Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871 TI1-ADS7871 Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
ADS1250 BURR-BROWN-ADS1250 Datasheet
196Kb / 20P
   20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com