Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7825PBG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS7825PBG4
Description  4 Channel, 16-Bit Sampling CMOS A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7825PBG4 Datasheet(HTML) 2 Page - Texas Instruments

  ADS7825PBG4 Datasheet HTML 1Page - Texas Instruments ADS7825PBG4 Datasheet HTML 2Page - Texas Instruments ADS7825PBG4 Datasheet HTML 3Page - Texas Instruments ADS7825PBG4 Datasheet HTML 4Page - Texas Instruments ADS7825PBG4 Datasheet HTML 5Page - Texas Instruments ADS7825PBG4 Datasheet HTML 6Page - Texas Instruments ADS7825PBG4 Datasheet HTML 7Page - Texas Instruments ADS7825PBG4 Datasheet HTML 8Page - Texas Instruments ADS7825PBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
®
ADS7825
SPECIFICATIONS
ELECTRICAL
At TA = –40°C to +85°C, fS = 40kHz, VS1 = VS2 = VS = +5V ±5%, using external reference, CONTC = 0V, unless otherwise specified.
ADS7825P, U
ADS7825PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
RESOLUTION
16
T(1)
Bits
ANALOG INPUT
Voltage Range
±10V
T
V
Impedance
Channel On or Off
45.7
T
k
Capacitance
35
T
pF
THROUGHPUT SPEED
Conversion Time
20
T
µs
Acquisition Time
5
T
µs
Multiplexer Settling Time
Includes Acquisition
5
T
µs
Complete Cycle (Acquire and Convert)
25
T
µs
Complete Cycle (Acquire and Convert)
CONTC = +5V
40
T
µs
Throughput Rate
40
T
kHz
DC ACCURACY
Integral Linearity Error
±3
±2
LSB(2)
No Missing Codes
15
16
Transition Noise(3)
0.8
T
LSB
Full Scale Error(4)
Internal Reference
±0.5
±0.25
%
Full Scale Error Drift
Internal Reference
±7
±5
ppm/
°C
Full Scale Error(4)
±0.5
±0.25
%
Full Scale Error Drift
±2
T
ppm/
°C
Bipolar Zero Error
±10
T
mV
Bipolar Zero Error Drift
±2
T
ppm/
°C
Channel-to-Channel Mismatch
±0.1
±0.1
%
Power Supply Sensitivity
+4.75 < VS < +5.25
±8
T
LSB
AC ACCURACY
Spurious-Free Dynamic Range(5)
fIN = 1kHz
90
T
dB
Total Harmonic Distortion
fIN = 1kHz
–90
T
dB
Signal-to-(Noise+Distortion)
fIN = 1kHz
83
86
dB
Signal-to-Noise
fIN = 1kHz
83
86
dB
Channel Separation(6)
fIN = 1kHz
100
120
TT
dB
–3dB Bandwidth
2
T
MHz
Useable Bandwidth(7)
90
T
kHz
SAMPLING DYNAMICS
Aperture Delay
40
T
ns
Transient Response(8)
FS Step
5
T
µs
Overvoltage Recovery(9)
1
T
µs
REFERENCE
Internal Reference Voltage
2.48
2.5
2.52
TT
T
V
Internal Reference Source Current
1
T
µA
(Must use external buffer)
External Reference Voltage Range
2.3
2.5
2.7
TT
T
V
for Specified Linearity
External Reference Current Drain
VREF = +2.5V
100
T
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
TT
V
VIH
+2.4
VS +0.3V
TT
V
IIL
±10
T
µA
IIH
±10
T
µA
DIGITAL OUTPUTS
Data Format
Parallel in two bytes; Serial
T
Data Coding
Binary Two's Complement
T
VOL
ISINK = 1.6mA
+0.4
T
V
VOH
ISOURCE = 500µA+4
T
V
Leakage Current
High-Z State, VOUT = 0V to VS
±5
T
µA
Output Capacitance
High-Z State
15
T
pF


Similar Part No. - ADS7825PBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7825PB BURR-BROWN-ADS7825PB Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
More results

Similar Description - ADS7825PBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7824 TI1-ADS7824_14 Datasheet
813Kb / 22P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Burr-Brown (TI)
ADS7824 BURR-BROWN-ADS7824 Datasheet
344Kb / 16P
   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7824 TI1-ADS7824_15 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
   16-bit, 100kHz Sampling A/D Converter
logo
Burr-Brown (TI)
ADC701 BURR-BROWN-ADC701 Datasheet
110Kb / 15P
   16-Bit 512kHz SAMPLING A/D CONVERTER SYSTEM
logo
API Technologies Corp
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com