Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7800BH-BI Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS7800BH-BI
Description  12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7800BH-BI Datasheet(HTML) 5 Page - Texas Instruments

  ADS7800BH-BI Datasheet HTML 1Page - Texas Instruments ADS7800BH-BI Datasheet HTML 2Page - Texas Instruments ADS7800BH-BI Datasheet HTML 3Page - Texas Instruments ADS7800BH-BI Datasheet HTML 4Page - Texas Instruments ADS7800BH-BI Datasheet HTML 5Page - Texas Instruments ADS7800BH-BI Datasheet HTML 6Page - Texas Instruments ADS7800BH-BI Datasheet HTML 7Page - Texas Instruments ADS7800BH-BI Datasheet HTML 8Page - Texas Instruments ADS7800BH-BI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ADS7800
5
SBAS001A
www.ti.com
0
–20
–40
–60
–80
–100
–120
0
165
Frequency (kHz)
50
100
150
0
–20
–40
–60
–80
–100
–120
0
165
Frequency (kHz)
50
100
150
80
60
40
20
0
1
SIGNAL/(NOISE + DISTORTION) vs
FREQUENCY AND AMPLITUDE
10
50
150
Input Frequency (kHz)
0dB
–20dB
–40dB
–60dB
95
90
85
80
75
70
65
1
SPURIOUS FREE DYNAMIC RANGE vs
INPUT FREQUENCY AND AMBIENT TEMPERATURE
10
50
150
Input Frequency (kHz)
–55°C
+25°C
+125°C
75
70
65
1
SIGNAL/(NOISE + DISTORTION) vs
INPUT FREQUENCY AND AMBIENT TEMPERATURE
10
50
150
Input Frequency (kHz)
–55°C
FREQUENCY SPECTRUM (10kHz f
IN )
FREQUENCY SPECTRUM (50kHz f
IN )
f
IN = 10kHz
f
SAMPLING = 330kHz
T
A = 25°C
f
IN = 50kHz
f
SAMPLING = 330kHz
T
A = 25°C
TYPICAL PERFORMANCE CURVES
At +VS = +5V, –VS = –15V, and TA = +25°C, unless otherwise noted. All plots use 1024 point FFTs.
95
90
85
80
75
70
65
1
SPURIOUS FREE DYNAMIC RANGE vs
INPUT FREQUENCY AND NEGATIVE SUPPLY VOLTAGE
10
50
150
Input Frequency (kHz)
–V = –15V
S
S
–V = –12V


Similar Part No. - ADS7800BH-BI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7800BH-BI TI1-ADS7800BH-BI Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7800BH-BI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com