Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1253EG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1253EG4
Description  24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1253EG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1253EG4 Datasheet HTML 4Page - Texas Instruments ADS1253EG4 Datasheet HTML 5Page - Texas Instruments ADS1253EG4 Datasheet HTML 6Page - Texas Instruments ADS1253EG4 Datasheet HTML 7Page - Texas Instruments ADS1253EG4 Datasheet HTML 8Page - Texas Instruments ADS1253EG4 Datasheet HTML 9Page - Texas Instruments ADS1253EG4 Datasheet HTML 10Page - Texas Instruments ADS1253EG4 Datasheet HTML 11Page - Texas Instruments ADS1253EG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADS1253
SBAS199B
8
www.ti.com
FIGURE 2. Recommended External Voltage Reference Circuit for Best Low-Noise Operation with the ADS1253.
DELTA-SIGMA MODULATOR
The ADS1253 operates from a nominal system clock fre-
quency of 8MHz. The modulator frequency is fixed in relation
to the system clock frequency. The system clock frequency
is divided by 6 to derive the modulator frequency. Therefore,
with a system clock frequency of 8MHz, the modulator
frequency is 1.333MHz. Furthermore, the oversampling ratio
of the modulator is fixed in relation to the modulator fre-
quency. The oversampling ratio of the modulator is 64, and
with the modulator frequency running at 1.333MHz, the data
rate is 20.8kHz. Using a slower system clock frequency will
result in a lower data output rate, as shown in Table II.
TABLE II. CLK Rate versus Data Output Rate.
CLK (MHz)
DATA OUTPUT RATE (Hz)
8(1)
20,833
7.372800(1)
19,200
6.144000(1)
16,000
6.000000(1)
15,625
4.915200(1)
12,800
3.686400(1)
9600
3.072000(1)
8000
2.457600(1)
6400
1.843200(1)
4800
0.921600
2400
0.460800
1200
0.384000
1000
0.192000
500
0.038400
100
0.023040
60
0.019200
50
0.011520
30
0.009600
25
0.007680
20
0.006400
16.67
0.005760
15
0.004800
12.50
0.003840
10
NOTE: (1) Standard Clock Oscillator.
REFERENCE INPUT
The reference input takes an average current of 32
µA with a
8MHz system clock. This current will be proportional to the
system clock. A buffered reference is recommended for the
ADS1253. The recommended reference circuit is shown in
Figure 2.
Reference voltages higher than 4.096V will increase the full-
scale range, while the absolute internal circuit noise of the
converter remains the same. This will decrease the noise in
terms of ppm of full-scale, which increases the effective
resolution (see typical characteristic curve,
RMS Noise vs
VREF Voltage).
DIGITAL FILTER
The digital filter of the ADS1253, referred to as a sinc5 filter,
computes the digital result based on the most recent outputs
from the delta-sigma modulator. At the most basic level, the
digital filter can be thought of as simply averaging the
modulator results in a weighted form and presenting this
average as the digital output. The digital output rate, or data
rate, scales directly with the system clock frequency. This
allows the data output rate to be changed over a very wide
range (five orders of magnitude) by changing the system
clock frequency. However, it is important to note that the
–3dB point of the filter is 0.2035 times the data output rate,
so the data output rate should allow for sufficient margin to
prevent attenuation of the signal of interest.
As the conversion result is essentially an average, the
data-output rate determines the location of the resulting
notches in the digital filter (see Figure 3). Note that the first
notch is located at the data-output rate frequency, and
subsequent notches are located at integer multiples of the
data-output rate to allow for rejection of not only the funda-
mental frequency, but also harmonic frequencies. In this
manner, the data-output rate can be used to set specific
notch frequencies in the digital-filter response.
For example, if the rejection of power-line frequencies is
desired, then the data-output rate can simply be set to the
power-line frequency. For 50Hz rejection, the system clock
0.10
µF
+5V
10k
10
µF
4
3
2
7
6
+
0.10
µF
0.1
µF
10
µF
+
0.1
µF
OPA350
0.1
µF
+5V
3
1
2
To V
REF
Pin 14 of
the ADS1253
REF3040


Similar Part No. - ADS1253EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1253E TI-ADS1253E Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1253E/2K5 TI-ADS1253E/2K5 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1253EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI1-ADS1251_14 Datasheet
901Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com