Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7800JU Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7800JU
Description  12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7800JU Datasheet(HTML) 1 Page - Texas Instruments

  ADS7800JU Datasheet HTML 1Page - Texas Instruments ADS7800JU Datasheet HTML 2Page - Texas Instruments ADS7800JU Datasheet HTML 3Page - Texas Instruments ADS7800JU Datasheet HTML 4Page - Texas Instruments ADS7800JU Datasheet HTML 5Page - Texas Instruments ADS7800JU Datasheet HTML 6Page - Texas Instruments ADS7800JU Datasheet HTML 7Page - Texas Instruments ADS7800JU Datasheet HTML 8Page - Texas Instruments ADS7800JU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
12-Bit 3
µs Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q 333k SAMPLES PER SECOND
q STANDARD
±10V AND ±5V INPUT RANGES
q DC PERFORMANCE OVER TEMP:
No Missing Codes
1/2LSB Integral Linearity Error
3/4LSB Differential Linearity Error
q AC PERFORMANCE OVER TEMP:
72dB Signal-to-Noise Ratio
80dB Spurious-Free Dynamic Range
–80dB Total Harmonic Distortion
q INTERNAL SAMPLE/HOLD, REFERENCE,
CLOCK, AND THREE-STATE OUTPUTS
q POWER DISSIPATION: 215mW max
q PACKAGE: 24-Pin Single-Wide DIP
24-Lead SOIC
Comparator
Control
Logic
Internal
Ref
2V
Reference
Out
±5V
IN
±10V
IN
CDAC
SAR
BUSY
Three
State
Parallel
Output
Data
Bus
Clock
Output
Latches
And
Three
State
Drivers
DESCRIPTION
The ADS7800 is a complete 12-bit sampling analog-to-
digital (A/D) converter using state-of-the-art CMOS
structures. It contains a complete 12-bit successive
approximation A/D converter with internal sample/hold,
reference, clock, digital interface for microprocessor
control, and three-state output drivers.
The ADS7800 is specified at a 333kHz sampling rate.
Conversion time is factory set for 2.70
µs max over
temperature, and the high-speed sampling input stage
insures a total acquisition and conversion time of 3
µs
max over temperature. Precision, laser-trimmed scaling
resistors provide industry-standard input ranges of
±5V
or
±10V.
AC and DC performance are completely specified. Two
grades based on linearity and dynamic performance are
available to provide the optimum price/performance fit in
a wide range of applications.
The 24-pin ADS7800 is available in plastic and side-
braze hermetic 0.3" wide DIPs, and in an SOIC package.
It operates from a +5V supply and either a –12V or –15V
supply. The ADS7800 is available in grades specified
over 0
°C to +70°C and –40°C to +85°C temperature
ranges.
ADS7800
SBAS001A – OCTOBER 1989 – REVISED FEBRUARY 2004
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1989-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - ADS7800JU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7800JU BURR-BROWN-ADS7800JU Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7800JU TI1-ADS7800JU Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7800JU/1K TI1-ADS7800JU/1K Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7800JU/1KE4 TI1-ADS7800JU/1KE4 Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7800JUE4 TI1-ADS7800JUE4 Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7800JU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com