Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1212UG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1212UG4
Description  22-Bit ANALOG-TO-DIGITAL CONVERTER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1212UG4 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1212UG4 Datasheet HTML 1Page - Texas Instruments ADS1212UG4 Datasheet HTML 2Page - Texas Instruments ADS1212UG4 Datasheet HTML 3Page - Texas Instruments ADS1212UG4 Datasheet HTML 4Page - Texas Instruments ADS1212UG4 Datasheet HTML 5Page - Texas Instruments ADS1212UG4 Datasheet HTML 6Page - Texas Instruments ADS1212UG4 Datasheet HTML 7Page - Texas Instruments ADS1212UG4 Datasheet HTML 8Page - Texas Instruments ADS1212UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
ADS1212, 1213
4
SBAS064A
PGA
+2.5V
Reference
+3.3V Bias
Generator
Clock Generator
Serial Interface
Second-Order
∆Σ
Modulator
Instruction Register
Command Register
Data Output Register
Offset Register
Full-Scale Register
Third-Order
Digital Filter
Micro Controller
Modulator Control
11
9
10
12
13
AGND
AV
DD
REF
OUT
REF
IN
V
BIAS
X
IN
X
OUT
3
1
2
16
17
18
4
7
8
65
14
15
DSYNC
CS
DRDY
MODE
A
INP
A
INN
SCLK
DGND
DV
DD
SDIO
SDOUT
ADS1212
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
A
INP
A
INN
AGND
V
BIAS
CS
DSYNC
X
IN
X
OUT
DGND
REF
IN
REF
OUT
AV
DD
MODE
DRDY
SDOUT
SDIO
SCLK
DV
DD
ADS1212 SIMPLIFIED BLOCK DIAGRAM
ADS1212 PIN DEFINITIONS
PIN NO
NAME
DESCRIPTION
1AINP
Noninverting Input.
2AINN
Inverting Input.
3
AGND
Analog Ground.
4VBIAS
Bias Voltage Output, +3.3V nominal.
5
CS
Chip Select Input.
6
DSYNC
Control Input to Synchronize Serial Output Data.
7XIN
System Clock Input.
8XOUT
System Clock Output.
9
DGND
Digital Ground.
10
DVDD
Digital Supply, +5V nominal.
11
SCLK
Clock Input/Output for serial data transfer.
12
SDIO
Serial Data Input (can also function as Serial Data
Output).
13
SDOUT
Serial Data Output.
14
DRDY
Data Ready.
15
MODE
SCLK Control Input (Master = 1, Slave = 0).
16
AVDD
Analog Supply, +5V nominal.
17
REFOUT
Reference Output, +2.5V nominal.
18
REFIN
Reference Input.
TOP VIEW
DIP/SOIC
ADS1212 PIN CONFIGURATION


Similar Part No. - ADS1212UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1212UG4 BURR-BROWN-ADS1212UG4 Datasheet
1Mb / 49P
   22-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1212UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1212 BURR-BROWN-ADS1212 Datasheet
1Mb / 49P
   22-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Texas Instruments
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com