Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS901 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS901
Description  10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS901 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS901 Datasheet HTML 2Page - Texas Instruments ADS901 Datasheet HTML 3Page - Texas Instruments ADS901 Datasheet HTML 4Page - Texas Instruments ADS901 Datasheet HTML 5Page - Texas Instruments ADS901 Datasheet HTML 6Page - Texas Instruments ADS901 Datasheet HTML 7Page - Texas Instruments ADS901 Datasheet HTML 8Page - Texas Instruments ADS901 Datasheet HTML 9Page - Texas Instruments ADS901 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADS901
6
SBAS054A
UNDERSAMPLING
Frequency (MHz)
0
–20
–40
–60
–80
–100
–120
0
16.2
32.4
48.6
64.8
81.0
f
IN = 20MHz
f
S = 16MHz
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = Logic VDD = +3V, REFB = 1V, REFT = 2V, Specified Input Range = 1V to 2V, Sampling Rate = 20MHz, unless otherwise specified.
INTEGRAL LINEARITY ERROR
Output Code
10
5
0
–5
–10
f
IN = 500kHz
0
256
512
768
1024
DIFFERENTIAL LINEARITY ERROR
vs TEMPERATURE
Temperature (°C)
0.9
0.8
0.7
0.6
–50
0
25
–25
50
75
100
f
IN = 9MHz
f
IN = 500kHz
SWEPT POWER SFDR
Input Amplitude (dBFS)
100
80
60
40
20
0
–60
–40
–50
–30
–20
–10
0
dBFS
dBc
SPURIOUS FREE DYNAMIC RANGE (SFDR)
vs TEMPERATURE
Temperature (°C)
56
54
52
50
48
–50
0
25
–25
50
75
100
f
IN = 500kHz
f
IN = 9MHz
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
Frequency (MHz)
54
53
52
51
50
0.1
1
10
SNR
SFDR


Similar Part No. - ADS901

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS901 TI-ADS901 Datasheet
242Kb / 13P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS901E BURR-BROWN-ADS901E Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS901EG4 TI-ADS901EG4 Datasheet
242Kb / 13P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS901

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com