Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS807 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS807
Description  12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS807 Datasheet(HTML) 5 Page - Texas Instruments

  ADS807_14 Datasheet HTML 1Page - Texas Instruments ADS807_14 Datasheet HTML 2Page - Texas Instruments ADS807_14 Datasheet HTML 3Page - Texas Instruments ADS807_14 Datasheet HTML 4Page - Texas Instruments ADS807_14 Datasheet HTML 5Page - Texas Instruments ADS807_14 Datasheet HTML 6Page - Texas Instruments ADS807_14 Datasheet HTML 7Page - Texas Instruments ADS807_14 Datasheet HTML 8Page - Texas Instruments ADS807_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ADS807
5
SBAS072A
www.ti.com
TIMING DIAGRAM
6 Clock Cycles
Data Invalid
t
D
t
L
t
H
t
CONV
N – 6N – 5N – 4N – 3N – 2N – 1
N
N + 1
Data Out
Clock
Analog In
N
t
2
N + 1
N + 2
N + 3
N + 4
N + 5
N + 6
N + 7
t
1
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tCONV
Convert Clock Period
18.87
100
µsns
tL
Clock Pulse LOW
9.4
tCONV/2
ns
tH
Clock Pulse HIGH
9.4
tCONV/2
ns
tD
Aperture Delay
2
ns
t1(1)
Data Hold Time, CL = 0pF
2.7
ns
t2(1)
New Data Delay Time, CL = 15pF max
12
ns
NOTE: (1) t1 and t2 times are valid for VDRV voltages of +2.7V to +5V.


Similar Part No. - ADS807_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS807 TI1-ADS807_15 Datasheet
859Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS807_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS807 TI-ADS807 Datasheet
288Kb / 17P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JULY 2002
logo
Burr-Brown (TI)
ADS807 BURR-BROWN-ADS807 Datasheet
225Kb / 15P
   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com