Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS823E1K Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS823E1K
Description  10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS823E1K Datasheet(HTML) 3 Page - Texas Instruments

  ADS823E1K Datasheet HTML 1Page - Texas Instruments ADS823E1K Datasheet HTML 2Page - Texas Instruments ADS823E1K Datasheet HTML 3Page - Texas Instruments ADS823E1K Datasheet HTML 4Page - Texas Instruments ADS823E1K Datasheet HTML 5Page - Texas Instruments ADS823E1K Datasheet HTML 6Page - Texas Instruments ADS823E1K Datasheet HTML 7Page - Texas Instruments ADS823E1K Datasheet HTML 8Page - Texas Instruments ADS823E1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADS823, ADS826
SBAS070B
3
www.ti.com
DIGITAL INPUTS
Logic Family
Convert Command
Start Conversion
High Level Input Current(6) (VIN = 5V)
+100
µA
Low Level Input Current (VIN = 0V)
+10
µA
High Level Input Voltage
+3.5
+2.0
V
Low Level Input Voltage
+1.0
+0.8
V
Input Capacitance
5
pF
DIGITAL OUTPUTS
Logic Family
Logic Coding
Low Output Voltage (IOL = 50µA to 1.6mA)
VDRV = 5V
+0.1
V
High Output Voltage, (IOH = 50µA to 0.5mA)
+4.9
V
Low Output Voltage, (IOL = 50µA to 1.6mA)
VDRV = 3V
+0.1
V
High Output Voltage, (IOH = 50µA to 0.5mA)
+2.8
V
3-State Enable Time
OE = H to L
2
40
✻✻
ns
3-State Disable Time
OE = L to H
2
10
✻✻
ns
Output Capacitance
5
pF
ACCURACY (Internal Reference, 2Vp-p,
fS = 2.5Mhz
Unless Otherwise Noted)
Zero Error (referred to –FS)
At 25
°C
±1.0
±3.0
✻✻
% FS
Zero Error Drift (referred to –FS)
16
ppm/
°C
Midscale Offset Error
At 25
°C
±0.29
% FS
Gain Error(7)
At 25
°C
±1.5
±3.5
✻✻
% FS
Gain Error Drift(7)
66
ppm/
°C
Gain Error(8)
At 25
°C
±1.0
±2.5
✻✻
% FS
Gain Error Drift(8)
23
ppm/
°C
Power-Supply Rejection of Gain
∆V
S = ±5%
70
dB
REFT Tolerance
Deviation From Ideal 3.5V
±10
±25
✻✻
mV
REFB Tolerance(9)
Deviation From Ideal 1.5V
±10
±25
✻✻
mV
External REFT Voltage Range
REFB + 0.8
3.5
VS – 1.25
✻✻
V
External REFB Voltage Range
1.25
1.5
REFT – 0.8
✻✻
V
Reference Input Resistance
REFT to REFB
1.6
k
POWER-SUPPLY REQUIREMENTS
Supply Voltage: +VS
Operating
+4.75
+5.0
+5.25
✻✻
V
Supply Current: +IS
Operating
55
mA
Power Dissipation: VDRV = 5V
External Reference
275
335
✻✻
mW
VDRV = 3V
External Reference
265
mW
VDRV = 5V
Internal Reference
295
350
✻✻
mW
VDRV = 3V
Internal Reference
285
mW
Power-Down
Operating
20
mW
Thermal Resistance,
θ
JA
SSOP-28
89
°C/W
✻ Indicates the same specifications as the ADS823E.
NOTES: (1) ADS826 accepts a +3V clock input. (2) Spurious-Free Dynamic Range refers to the magnitude of the largest harmonic. (3) dBFS means dB relative to Full-Scale. (4) 2-tone intermodulation
distortion is referred to the largest fundamental tone. This number will be 6dB higher if it is referred to the magnitude of the 2-tone fundamental envelope. (5) Effective number of bits (ENOB) is defined
by (SINAD – 1.76)/6.02. (6) A 50k
Ω pull-down resistor is inserted internally on OE pin. (7) Includes internal reference. (8) Excludes internal reference. (9) Ensured by design.
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, VS = +5V single-ended input range = 1.5V to 3.5V, sampling rate = 60MHz, external reference, unless otherwise noted.
ADS823E
ADS826E(1)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
CMOS-Compatible
Rising Edge of Convert Clock
TTL, +3V/+5V CMOS-Compatible
Rising Edge of Convert Clock
CMOS
Straight Offset Binary
CMOS
Straight Offset Binary


Similar Part No. - ADS823E1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS823E TI-ADS823E Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823E/1K TI-ADS823E/1K Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823E/1KG4 TI-ADS823E/1KG4 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823EG4 TI-ADS823EG4 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS823E1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS824 BURR-BROWN-ADS824 Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS828 BURR-BROWN-ADS828 Datasheet
172Kb / 12P
   10-Bit, 75MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com