Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS804 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS804
Description  12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS804 Datasheet(HTML) 1 Page - Texas Instruments

  ADS804 Datasheet HTML 1Page - Texas Instruments ADS804 Datasheet HTML 2Page - Texas Instruments ADS804 Datasheet HTML 3Page - Texas Instruments ADS804 Datasheet HTML 4Page - Texas Instruments ADS804 Datasheet HTML 5Page - Texas Instruments ADS804 Datasheet HTML 6Page - Texas Instruments ADS804 Datasheet HTML 7Page - Texas Instruments ADS804 Datasheet HTML 8Page - Texas Instruments ADS804 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
12-Bit, 10MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q HIGH SFDR: 80dB at NYQUIST
q HIGH SNR: 69dB
q LOW POWER: 180mW
q LOW DLE:
±0.3LSB
q FLEXIBLE INPUT RANGE
q OVERRANGE INDICATOR
APPLICATIONS
q IF AND BASEBAND DIGITIZATION
q CCD IMAGING
q SCANNERS
q TEST INSTRUMENTATION
DESCRIPTION
The ADS804 is a high-speed, high dynamic range, 12-bit,
pipelined Analog-to-Digital (A/D) converter. This converter
includes a high-bandwidth track-and-hold that gives excel-
lent spurious performance up to and beyond the Nyquist
rate. This high-bandwidth, linear track-and-hold minimizes
harmonics and has low jitter, leading to excellent SNR
performance. The ADS804 is also pin-compatible with the
5MHz ADS803 and the 20MHz ADS805.
The ADS804 provides an internal reference and can be
programmed for a 2Vp-p input range for the best spurious
performance and ease of driving. Alternatively, the 5Vp-p
input range can be used for the lowest input referred noise
of 0.09LSBs rms giving superior imaging performance. There
is also a capability to set the input range in between the 2Vp-
p and 5Vp-p input ranges or to use external reference. The
ADS804 also provides an over-range indicator flag to indi-
cate an input range that exceeds the full-scale input range of
the converter. This flag can be used to reduce the gain of the
front end gain-ranging circuitry.
The ADS804 employs digital error correction techniques to
provide excellent differential linearity for demanding imaging
applications. Its low distortion and high SNR give the extra
margin needed for communications, medical imaging, video,
and test instrumentation applications. The ADS804 is avail-
able in a SSOP-28 package.
12-Bit
Pipelined
A/D Converter Core
Reference and
Mode Select
Reference Ladder
and Driver
Timing Circuitry
Error
Correction
Logic
3-State
Outputs
T&H
D0
D11
CLK
+V
S
ADS804
VDRV
OE
SEL
REFB
V
REF
REFT
IN
V
IN
IN
(Opt.)
CM
OVR
ADS804
SBAS068B – JANUARY 1997 – REVISED AUGUST 2002
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1997, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
ADS804E


Similar Part No. - ADS804

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804 Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS804E BURR-BROWN-ADS804E Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804E TI1-ADS804E Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS804E/1K TI1-ADS804E/1K Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS804

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC603 BURR-BROWN-ADC603 Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS802 BURR-BROWN-ADS802 Datasheet
346Kb / 17P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com